Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR70-LF-T7 Datasheet(PDF) 2 Page - Protek Devices

Part # SR70-LF-T7
Description  STEERING DIODE ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SR70-LF-T7 Datasheet(HTML) 2 Page - Protek Devices

  SR70-LF-T7 Datasheet HTML 1Page - Protek Devices SR70-LF-T7 Datasheet HTML 2Page - Protek Devices SR70-LF-T7 Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SR70
2
05172.R3 6/06
www.protekdevices.com
DEVICE CHARACTERISTICS
Storage Temperature
SYMBOL
VALUE
24
A
°C
-55°C to 150°C
UNITS
TSTG
IPP
PARAMETER
Forward Peak Pulse Curretn (tp = 8/20µs)
Operating Temperature
T
J
-55°C to 150°C
°C
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Note 1: Measured between I/O pins and ground.
PART
NUMBER
DEVICE
MARKING
CODE
MINIMUM
REVERSE
BREAKDOWN
VOLTAGE
I @ 50µA
V
(BR)
VOLTS
MAXIMUM
REVERSE
LEAKAGE
CURRENT
@V
RRM
I
R
µA
MAXIMUM
FORWARD
CLAMPING
VOLTAGE
8/20µs
I
PP @ 1A
VFC
VOLTS
MAXIMUM
CAPACITANCE
(See Note 1)
@0V, 1 MHz
C
J
pF
SR70
PSA
85
1
1.5
10
MAXIMUM
FORWARD
CLAMPING
VOLTAGE
8/20µs
I
PP @ 24A
VFC
VOLTS
7
REPETITIVE
PEAK
REVERSE
VOLTAGE
V
RRM
VOLTS
70
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
FIGURE 2
PULSE WAVE FORM
0
5
10
15
20
25
30
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
0
5
10
15
20
25
30
35
40
45
I
F - Forward Current - A
FIGURE 1
FOWARD VOLTAGE VS FORWARD CURRENT
10
8
6
4
2
0
Waveform
Parameters
t
r - 8µs
t
d = 20µs


Similar Part No. - SR70-LF-T7

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SR70-02CTG LITTELFUSE-SR70-02CTG Datasheet
817Kb / 4P
   SR70 Series 70V 40A Diode Array
logo
Shanghai Leiditech Elec...
SR70-4 LEIDITECH-SR70-4 Datasheet
2Mb / 4P
   4-Line Bi-direction TVS Diode Array
logo
FutureWafer Tech Co.,Lt...
SR70-5PF FUTUREWAFER-SR70-5PF Datasheet
720Kb / 5P
   Low Capacitance ESD array
More results

Similar Description - SR70-LF-T7

ManufacturerPart #DatasheetDescription
logo
Protek Devices
ET723 PROTEC-ET723 Datasheet
206Kb / 4P
   STEERING DIODE ARRAY
ET724 PROTEC-ET724 Datasheet
167Kb / 4P
   STEERING DIODE ARRAY
USB002 PROTEC-USB002 Datasheet
59Kb / 3P
   STEERING DIODE ARRAY
IO6LC PROTEC-IO6LC_07 Datasheet
72Kb / 4P
   STEERING DIODE ARRAY
ET723 PROTEC-ET723_07 Datasheet
79Kb / 4P
   STEERING DIODE ARRAY
ET720 PROTEC-ET720_07 Datasheet
74Kb / 4P
   STEERING DIODE ARRAY
PMAD1108 PROTEC-PMAD1108_07 Datasheet
68Kb / 3P
   STEERING DIODE ARRAY
MMAD1108 PROTEC-MMAD1108 Datasheet
104Kb / 3P
   STEERING DIODE ARRAY
DALC112S1 PROTEC-DALC112S1 Datasheet
80Kb / 4P
   STEERING DIODE ARRAY
IO6LC PROTEC-IO6LC Datasheet
81Kb / 4P
   STEERING DIODE ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com