Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3299Y-1-104LF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3299Y-1-104LF
Description  3/8 Square Trimming Potentiometer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3299Y-1-104LF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3299Y-1-104LF Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
†“Fluorinert” is a registered trademark of 3M Co.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3299 - 3/8 ” Square Trimming Potentiometer
Features
3/8 ” Square/ Multiturn / Cermet /
Industrial / Sealed
Five popular terminal styles
Standoffs
Patent #4427966 drive mechanism
RoHS compliant* version available
Electrical Characteristics
Standard Resistance Range
..................................10 to 2 megohms
(see standard resistance table)
Resistance Tolerance ............±10 % std.
(tighter tolerance available)
Absolute Minimum Resistance
..............................1 % or 2 ohms max.
(whichever is greater)
Contact Resistance Variation
...........................1.0 % or 3 ohms max.
(whichever is greater)
Adjustability
Voltage.....................................±0.01 %
Resistance ...............................±0.05 %
Resolution.....................................Infinite
Insulation Resistance ................500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level ..................................900 vac
70,000 Feet...............................350 vac
Effective Travel..................25 turns nom.
Environmental Characteristics
Power Rating (300 volts max.)
70 °C ........................................0.5 watt
125 °C .........................................0 watt
Temperature Range ....-55 °C to +125 °C
Temperature Coefficient ....±100 ppm/°C
Seal Test........................85 °C Fluorinert
Humidity........MIL-STD-202 Method 103
96 hours
(2 % ∆TR, 10 Megohms IR)
Vibration.........20 G (1 % ∆TR; 1 % ∆VR)
Shock...........100 G (1 % ∆TR; 1 % ∆VR)
Load Life
................1,000 hours 0.5 watt @ 70 °C
(3 % ∆TR; 3 % or 3 ohms,
whichever is greater, CRV)
Rotational Life ........................200 cycles
(4 % ∆TR; 3 % or 3 ohms,
whichever is greater, CRV)
Physical Characteristics
Torque .............................3.0 oz-in. max.
Mechanical Stops..................Wiper idles
Terminals ........................Solderable pins
Weight ......................................0.035 oz.
Marking ...........................Manufacturer’s
trademark, resistance code,
wiring diagram, date code,
manufacturer’s model
number and style
Wiper................50 % (Actual TR) ±10 %
Flammability ..........................U.L. 94V-0
Standard Packaging .....50 pcs. per tube
Adjustment Tool ..............................H-90
1
3 CW
CLOCKWISE
CCW
2 WIPER
1.52
(.060)
3
2
1
BOTTOM VIEW
BOTTOM VIEW
BOTTOM VIEW
BOTTOM VIEW
BOTTOM VIEW
3299P
Common Dimensions
1.09
(.043)
6.10
+.30/-.25
(.240
+.012/-.010)
3299W
1.91
(.075)
2
3
1
3299X
2
3
1
3299Y
2
3
1
3299Z
2
3
1
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
1.91
(.075)
1.91
(.075)
1.91
(.075)
2.54
(.100)
MIN.
2.54
(.100)
2.54
(.100)
2.54
(.100)
.51
(.020)
DIA. TYP.
5.23
(.206)
10.03
(.395)
.38
(.015)
9.53
(.375)
1.12
(.044)
6.22 ± 1.14
(.245 ± .045)
ADJ. SLOT
2.29
(.090)
.56
(.022)
.64
(.025)
WIDE
X
X
DEEP
DIA.
How To Order
3299 W - 1 - 103 LF
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product
Resistance Code
Terminations
LF = 100 % Tin-plated (RoHS compliant)
Blank = 90 % Tin / 10 % Lead-plated
(Standard)
Consult factory for other available options.
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
2,000,000
205
Standard Resistance Table
DIMENSIONS ARE:
MM
(INCHES)
TOLERANCES: ± 0.25 (.010) EXCEPT WHERE NOTED
Popular distribution resistance values listed in
boldface. Special resistances available.
REV. 09/04


Similar Part No. - 3299Y-1-104LF

ManufacturerPart #DatasheetDescription
logo
Heyco.
3299 HEYCO-3299 Datasheet
133Kb / 1P
   Double D Hole Plugs
logo
KR Electronics, Inc.
3299-SMA KR-3299-SMA Datasheet
85Kb / 3P
   530 MHz Bandpass Filter
logo
List of Unclassifed Man...
32994-0 ETC2-32994-0 Datasheet
35Kb / 1P
   AMP Terminals and Splices Application Tooling, Servece Kits
logo
Tyco Electronics
329951 MACOM-329951 Datasheet
258Kb / 30P
   Standard Terminals and Splices
logo
Pulse A Technitrol Comp...
3299A PULSE-3299A Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - 3299Y-1-104LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3386 BOURNS-3386 Datasheet
167Kb / 3P
   3/8 Square Trimming Potentiometer
3386 BOURNS-3386 Datasheet
167Kb / 3P
   3/8 Square Trimming Potentiometer
3386 BOURNS-3386_06 Datasheet
317Kb / 3P
   3/8 Square Trimming Potentiometer
3299W-1-103 BOURNS-3299W-1-103 Datasheet
308Kb / 1P
   3/8??Square Trimming Potentiometer
RJ24 BOURNS-RJ24 Datasheet
169Kb / 1P
   3/8 ??Square Trimming Potentiometer
3386F-1-504LF BOURNS-3386F-1-504LF Datasheet
168Kb / 3P
   3386 - 3/8 ??Square Trimming Potentiometer
3299W-1-103LF BOURNS-3299W-1-103LF_10 Datasheet
154Kb / 1P
   3/8 Square Trimpot짰 Trimming Potentiometer
3386P-1-502LF BOURNS-3386P-1-502LF Datasheet
168Kb / 3P
   3386 - 3/8 ??Square Trimming Potentiometer
3292 BOURNS-3292 Datasheet
149Kb / 1P
   3/8 ??Square Trimpot짰 Trimming Potentiometer
logo
Bi technologies
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com