Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6A9160TS-3.6G Datasheet(PDF) 1 Page - Etron Technology, Inc.

Part # EM6A9160TS-3.6G
Description  8M x 16 DDR Synchronous DRAM (SDRAM)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM6A9160TS-3.6G Datasheet(HTML) 1 Page - Etron Technology, Inc.

  EM6A9160TS-3.6G Datasheet HTML 1Page - Etron Technology, Inc. EM6A9160TS-3.6G Datasheet HTML 2Page - Etron Technology, Inc. EM6A9160TS-3.6G Datasheet HTML 3Page - Etron Technology, Inc. EM6A9160TS-3.6G Datasheet HTML 4Page - Etron Technology, Inc. EM6A9160TS-3.6G Datasheet HTML 5Page - Etron Technology, Inc. EM6A9160TS-3.6G Datasheet HTML 6Page - Etron Technology, Inc. EM6A9160TS-3.6G Datasheet HTML 7Page - Etron Technology, Inc. EM6A9160TS-3.6G Datasheet HTML 8Page - Etron Technology, Inc. EM6A9160TS-3.6G Datasheet HTML 9Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
EtronTech
EM6A9160
Etron Technology, Inc.
No. 6, Technology Rd. V, Science-Based Industrial Park, Hsinchu, Taiwan 30077, R.O.C.
TEL: (886)-3-5782345
FAX: (886)-3-5778671
Etron Technology, Inc., reserves the right to make changes to its products and specifications without notice.
8M x 16 DDR Synchronous DRAM (SDRAM)
(Rev. 1.4 May/2006)
Features
• Fast clock rate: 300/275/250/200MHz
• Differential Clock CK & /CK
• Bi-directional DQS
• DLL enable/disable by EMRS
• Fully synchronous operation
• Internal pipeline architecture
• Four internal banks, 1M x 16-bit for each bank
• Programmable Mode and Extended Mode registers
- /CAS Latency: 3, 4
- Burst length: 2, 4, 8
- Burst Type: Sequential & Interleaved
• Individual byte write mask control
• DM Write Latency = 0
• Auto Refresh and Self Refresh
• 4096 refresh cycles / 32ms
• Precharge & active power down
• Power supplies: VDD & VDDQ = 2.5V ± 5%
• Interface: SSTL_2 I/O Interface
• Package: 66 Pin TSOP II, 0.65mm pin pitch
• Lead-free Package is available.
Pin Assignment (Top View)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
NC
VDDQ
LDQS
NC
VDD
NC
LDM
/WE
/CAS
/RAS
/CS
NC
BS0
BS1
A10/AP
A0
A1
A2
A3
VDD
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
NC
VSSQ
UDQS
NC
VREF
VSS
UDM
/CK
CK
CKE
NC
NC
A11
A9
A8
A7
A6
A5
A4
VSS
Ordering Information
Part Number
Clock Frequency
Data Rate
Package
EM6A9160TS-3.3/3.3G*
300MHz
600Mbps/pin
TSOP II
EM6A9160TS-3.6/3.6G
275MHz
550Mbps/pin
TSOP II
EM6A9160TS-4/4G
250MHz
500Mbps/pin
TSOP II
EM6A9160TS-5/5G
200MHz
400Mbps/pin
TSOP II
Note : “G” indicates Pb-free package


Similar Part No. - EM6A9160TS-3.6G

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6A9160TSA ETRON-EM6A9160TSA Datasheet
443Kb / 51P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9160TSA-4G ETRON-EM6A9160TSA-4G Datasheet
443Kb / 51P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9160TSA-5G ETRON-EM6A9160TSA-5G Datasheet
480Kb / 63P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9160TSC-4G ETRON-EM6A9160TSC-4G Datasheet
535Kb / 65P
   8M x 16 DDR Synchronous DRAM
EM6A9160TSC-5G ETRON-EM6A9160TSC-5G Datasheet
535Kb / 65P
   8M x 16 DDR Synchronous DRAM
More results

Similar Description - EM6A9160TS-3.6G

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6A9160TSA-5G ETRON-EM6A9160TSA-5G Datasheet
480Kb / 63P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9160TSA ETRON-EM6A9160TSA Datasheet
443Kb / 51P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM68916DVAA ETRON-EM68916DVAA Datasheet
326Kb / 40P
   8M x 16 Mobile DDR Synchronous DRAM (SDRAM)
EM6A9160TSC-4G ETRON-EM6A9160TSC-4G Datasheet
535Kb / 65P
   8M x 16 DDR Synchronous DRAM
EM639165TS-5IG ETRON-EM639165TS-5IG Datasheet
460Kb / 53P
   8M x 16 bit Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323916A GENERALPLUS-GPR323916A Datasheet
1Mb / 57P
   8M x 16 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM658160 ETRON-EM658160 Datasheet
158Kb / 26P
   4M x 16 DDR Synchronous DRAM (SDRAM)
EM6A8160TSA ETRON-EM6A8160TSA Datasheet
412Kb / 51P
   4M x 16 DDR Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C8M16SA-6TIN ALSC-AS4C8M16SA-6TIN Datasheet
1Mb / 54P
   128M - 8M x 16 bit Synchronous DRAM (SDRAM)
AS4C8M16SA-6BAN ALSC-AS4C8M16SA-6BAN Datasheet
1Mb / 55P
   128M ??(8M x 16 bit) Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com