Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBE2009S Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LBE2009S
Description  NPN microwave power transistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LBE2009S Datasheet(HTML) 2 Page - NXP Semiconductors

  LBE2009S Datasheet HTML 1Page - NXP Semiconductors LBE2009S Datasheet HTML 2Page - NXP Semiconductors LBE2009S Datasheet HTML 3Page - NXP Semiconductors LBE2009S Datasheet HTML 4Page - NXP Semiconductors LBE2009S Datasheet HTML 5Page - NXP Semiconductors LBE2009S Datasheet HTML 6Page - NXP Semiconductors LBE2009S Datasheet HTML 7Page - NXP Semiconductors LBE2009S Datasheet HTML 8Page - NXP Semiconductors LBE2009S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1997 Mar 03
2
Philips Semiconductors
Product specification
NPN microwave power transistors
LBE2003S;
LBE2009S; LCE2009S
FEATURES
• Diffused emitter ballasting resistors
• Self-aligned process entirely ion implanted and gold
metallization
• Optimum temperature profile
• Excellent performance and reliability.
APPLICATIONS
• Common emitter class-A linear power amplifiers up
to 4 GHz.
DESCRIPTION
The LBE2003S and LBE2009S are NPN silicon planar
epitaxial microwave power transistors in a SOT441A metal
ceramic studless package.The LCE2009S is a
maintenance type in a SOT442A metal ceramic capstan
package.
PINNING
PIN
DESCRIPTION
1
collector
2
emitter
3
base
4
emitter
Fig.1 Simplified outline and symbol (SOT441A).
Marking code: LBE2003S = 407; LBE2009S = 409.
handbook, halfpage
e
c
b
MAM329
Top view
1
4
3
2
Fig.2 Simplified outline and symbol (SOT442A).
Marking code: LCE2009S = 408.
handbook, halfpage
e
c
b
MAM330
Top view
1
4
3
2
QUICK REFERENCE DATA
Microwave performance up to Tmb =25 °C in a common emitter class-A amplifier.
TYPE NUMBER
MODE OF
OPERATION
f
(GHz)
VCE
(V)
IC
(mA)
PL1
(mW)
Gpo
(dB)
Zi
(
Ω)
ZL
(
Ω)
LBE2003S
Class-A (CW) linear
2
18
30
≥200
≥10
6.2 + j30
17.5 + j7
LBE2009S
Class-A (CW) linear
2
18
110
≥700
≥9
7.5 + j15
17.5 + j39
LCE2009S
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO disc is not damaged.
All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.
LCE2009S IS A MAINTENANCE TYPE - NOT RECOMMENDED FOR NEW DESIGNS; SEE INDEX SECTION OF SC15


Similar Part No. - LBE2009S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBE63C OSRAM-LBE63C Datasheet
69Kb / 16P
   Power TOPLED with Lens Enhanced Optical Power LED (ATON)
LBE63C-S2U1-35 OSRAM-LBE63C-S2U1-35 Datasheet
69Kb / 16P
   Power TOPLED with Lens Enhanced Optical Power LED (ATON)
LBE63C-T2AA-35-24 OSRAM-LBE63C-T2AA-35-24 Datasheet
1Mb / 22P
   Backlighting
LBE63C-T2V1-35 OSRAM-LBE63C-T2V1-35 Datasheet
578Kb / 18P
   Power TOPLED짰 with Lens Enhanced Optical Power LED (ATON짰)
LBE63C-T2V2-35 OSRAM-LBE63C-T2V2-35 Datasheet
578Kb / 18P
   Power TOPLED짰 with Lens Enhanced Optical Power LED (ATON짰)
More results

Similar Description - LBE2009S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTB32001X PHILIPS-PTB32001X Datasheet
66Kb / 12P
   NPN microwave power transistors
1997 Feb 18
MX0912B100Y PHILIPS-MX0912B100Y Datasheet
98Kb / 12P
   NPN microwave power transistors
1997 Feb 20
PTB23001X PHILIPS-PTB23001X Datasheet
99Kb / 12P
   NPN microwave power transistors
1997 Feb 19
PZ1418B30U PHILIPS-PZ1418B30U Datasheet
131Kb / 16P
   NPN microwave power transistors
1997 Feb 19
RX1214B80W PHILIPS-RX1214B80W Datasheet
87Kb / 12P
   NPN microwave power transistors
1997 Feb 14
logo
Tyco Electronics
MRF1004MB MACOM-MRF1004MB Datasheet
101Kb / 5P
   MICROWAVE POWER TRANSISTORS NPN SILICON
logo
M/A-COM Technology Solu...
MAPRST0912-50 MA-COM-MAPRST0912-50_13 Datasheet
165Kb / 4P
   NPN Silicon Microwave Power Transistors
logo
Tyco Electronics
MRF1000MB MACOM-MRF1000MB Datasheet
104Kb / 4P
   MICROWAVE POWER TRANSISTORS NPN SILICON
logo
Motorola, Inc
MRF1150MA MOTOROLA-MRF1150MA Datasheet
128Kb / 5P
   MICROWAVE POWER TRANSISTORS
MRW3001 MOTOROLA-MRW3001 Datasheet
153Kb / 6P
   MICROWAVE POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com