Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7002T Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 2N7002T
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2N7002T Datasheet(HTML) 1 Page - Diodes Incorporated

  2N7002T Datasheet HTML 1Page - Diodes Incorporated 2N7002T Datasheet HTML 2Page - Diodes Incorporated 2N7002T Datasheet HTML 3Page - Diodes Incorporated 2N7002T Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS30301 Rev. 8 - 2
1 of 4
2N7002T
www.diodes.com
ã Diodes Incorporated
2N7002T
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT
TRANSISTOR
Features
·
Low On-Resistance
·
Low Gate Threshold Voltage
·
Low Input Capacitance
·
Fast Switching Speed
·
Low Input/Output Leakage
·
Ultra-Small Surface Mount Package
·
Lead Free/RoHS Compliant (Note 2)
·
Qualified to AEC-Q101 Standards for High Reliability
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Drain-Gate Voltage RGS £ 1.0MW
VDGR
60
V
Gate-Source Voltage
Continuous
Pulsed
VGSS
±20
±40
V
Drain Current (Note 1)
Continuous
Continuous @ 100°C
Pulsed
ID
115
73
800
mA
Total Power Dissipation (Note 1)
Pd
150
mW
Thermal Resistance, Junction to Ambient
RqJA
833
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Mechanical Data
·
Case: SOT-523
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
·
Terminal Connections: See Diagram
·
Marking: 72 (See Page 3)
·
Ordering & Date Code Information, See Page 3
·
Weight: 0.002 grams (approximate)
A
M
J
L
D
B
D
G
C
S
H
K
G
TOP VIEW
N
SOT-523
Dim
Min
Max
Typ
A
0.15
0.30
0.22
B
0.75
0.85
0.80
C
1.45
1.75
1.60
D
¾
¾
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
J
0.00
0.10
0.05
K
0.60
0.80
0.75
L
0.10
0.30
0.22
M
0.10
0.20
0.12
N
0.45
0.65
0.50
a
¾
All Dimensions in mm
Note: 1. Device mounted on FR-5 PCB 1.0 x 0.75 x 0.062 inch pad layout as shown on Diodes, Inc. suggested pad layout AP02001,
which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead.
Source
Gate
Drain
SPICE MODELS: 2N7002T


Similar Part No. - 2N7002T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2N7002T DIODES-2N7002T Datasheet
85Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30301 Rev. 2 - 2
logo
WILLAS ELECTRONIC CORP
2N7002T WILLAS-2N7002T Datasheet
359Kb / 2P
   SOT-523 Plastic-Encapsulate MOSFETS
logo
Galaxy Semi-Conductor H...
2N7002T BILIN-2N7002T Datasheet
189Kb / 4P
   Small Signal MOSFET Transistor
logo
SHENZHEN YONGERJIA INDU...
2N7002T WINNERJOIN-2N7002T Datasheet
196Kb / 2P
   MOSFET ( N-Channel )
logo
TRANSYS Electronics Lim...
2N7002T TEL-2N7002T Datasheet
156Kb / 2P
   Plastic-Encapsulated Transistors
More results

Similar Description - 2N7002T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com