Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTA2P1N Datasheet(PDF) 2 Page - Diodes Incorporated

Part # CTA2P1N
Description  COMPLEX TRANSISTOR ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

CTA2P1N Datasheet(HTML) 2 Page - Diodes Incorporated

  CTA2P1N Datasheet HTML 1Page - Diodes Incorporated CTA2P1N Datasheet HTML 2Page - Diodes Incorporated CTA2P1N Datasheet HTML 3Page - Diodes Incorporated CTA2P1N Datasheet HTML 4Page - Diodes Incorporated CTA2P1N Datasheet HTML 5Page - Diodes Incorporated CTA2P1N Datasheet HTML 6Page - Diodes Incorporated CTA2P1N Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DS30296 Rev. 7 - 2
2 of 7
CTA2P1N
www.diodes.com
Electrical Characteristics, Q1, MMBT4403 PNP Transistor Element
@ TA = 25°C unless otherwise specified
Electrical Characteristics, Q2, 2N7002 N-Channel MOSFET Element
@ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 3)
Collector-Base Breakdown Voltage
V(BR)CBO
-40
¾
V
IC = -100mA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-40
¾
V
IC = -1.0mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5.0
¾
V
IE = -100mA, IC = 0
Collector Cutoff Current
ICEX
¾
-100
nA
VCE = -35V, VEB(OFF) = -0.4V
Base Cutoff Current
IBL
¾
-100
nA
VCE = -35V, VEB(OFF) = -0.4V
ON CHARACTERISTICS (Note 3)
DC Current Gain
hFE
30
60
100
100
20
¾
¾
¾
300
¾
¾
IC = -100µA, VCE = -1.0V
IC = -1.0mA, VCE = -1.0V
IC = -10mA, VCE = -1.0V
IC = -150mA, VCE = -2.0V
IC = -500mA, VCE = -2.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
¾
-0.40
-0.75
V
IC = -150mA, IB = -15mA
IC = -500mA, IB = -50mA
Base-Emitter Saturation Voltage
VBE(SAT)
-0.75
¾
-0.95
-1.30
V
IC = -150mA, IB = -15mA
IC = -500mA, IB = -50mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Ccb
¾
8.5
pF
VCB = -10V, f = 1.0MHz, IE = 0
Input Capacitance
Ceb
¾
30
pF
VEB = -0.5V, f = 1.0MHz, IC = 0
Input Impedance
hie
1.5
15
kW
VCE = -10V, IC = -1.0mA,
f = 1.0kHz
Voltage Feedback Ratio
hre
0.1
8.0
x 10-4
Small Signal Current Gain
hfe
60
500
¾
Output Admittance
hoe
1.0
100
m
S
Current Gain-Bandwidth Product
fT
200
¾
MHz
VCE = -10V, IC = -20mA,
f = 100MHz
SWITCHING CHARACTERISTICS
Delay Time
td
¾
15
ns
VCC = -30V, IC = -150mA,
VBE(off) = -2.0V, IB1 = -15mA
Rise Time
tr
¾
20
ns
Storage Time
ts
¾
225
ns
VCC = -30V, IC = -150mA,
IB1 = IB2 = -15mA
Fall Time
tf
¾
30
ns
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 3)
Drain-Source Breakdown Voltage
BVDSS
60
70
¾
V
VGS = 0V, ID = 10mA
Zero Gate Voltage Drain Current
@ TC = 25°C
@ TC = 125°C
IDSS
¾
¾
1.0
500
µA
VDS = 60V, VGS = 0V
Gate-Body Leakage
IGSS
¾
¾
±10
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
1.0
¾
2.0
V
VDS = VGS, ID =-250mA
Static Drain-Source On-Resistance
@ Tj = 25°C
@ Tj = 125°C RDS (ON)
¾
3.2
4.4
7.5
13.5
W
VGS = 5.0V, ID = 0.05A
VGS = 10V, ID = 0.5A
On-State Drain Current
ID(ON)
0.5
1.0
¾
A
VGS = 10V, VDS = 7.5V
Forward Transconductance
gFS
80
¾
¾
mS
VDS =10V, ID = 0.2A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
¾
22
50
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
¾
11
25
pF
Reverse Transfer Capacitance
Crss
¾
2.0
5.0
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
¾
7.0
20
ns
VDD = 30V, ID = 0.2A,
RL = 150W, VGEN = 10V,
RGEN = 25W
Turn-Off Delay Time
tD(OFF)
¾
11
20
ns
Note: 2. Device mounted on FR-4 PCB; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found
on our website at http://www.diodes.com/datasheets/ap02001.pdf.
3. Short test pulse used to minimize self-heating effect.


Similar Part No. - CTA2P1N

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
CTA2P1N DIODES-CTA2P1N Datasheet
69Kb / 4P
   COMPLEX TRANSISTOR ARRAY
DS30296 Rev. 2 - 2
CTA2P1N DIODES-CTA2P1N Datasheet
236Kb / 5P
   COMPLEX TRANSISTOR ARRAY
Rev. 9 - 2
CTA2P1N-7 DIODES-CTA2P1N-7 Datasheet
69Kb / 4P
   COMPLEX TRANSISTOR ARRAY
DS30296 Rev. 2 - 2
CTA2P1N-7-F DIODES-CTA2P1N-7-F Datasheet
236Kb / 5P
   COMPLEX TRANSISTOR ARRAY
Rev. 9 - 2
CTA2P1N DIODES-CTA2P1N_2 Datasheet
236Kb / 5P
   COMPLEX TRANSISTOR ARRAY
Rev. 9 - 2
More results

Similar Description - CTA2P1N

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
CTA2N1P DIODES-CTA2N1P_1 Datasheet
124Kb / 7P
   COMPLEX TRANSISTOR ARRAY
DS30295 Rev. 6 - 2
CTA2N1P DIODES-CTA2N1P Datasheet
61Kb / 3P
   COMPLEX TRANSISTOR ARRAY
DS30295 Rev. A-2
CTA2P1N DIODES-CTA2P1N Datasheet
69Kb / 4P
   COMPLEX TRANSISTOR ARRAY
DS30296 Rev. 2 - 2
CTA2N1P DIODES-CTA2N1P_2 Datasheet
176Kb / 6P
   COMPLEX TRANSISTOR ARRAY
Rev. 7 - 2
CTA2P1N DIODES-CTA2P1N_2 Datasheet
236Kb / 5P
   COMPLEX TRANSISTOR ARRAY
Rev. 9 - 2
HBDM60V600W DIODES-HBDM60V600W_08 Datasheet
201Kb / 7P
   COMPLEX TRANSISTOR ARRAY FOR BIPOLAR
DVR1V8W DIODES-DVR1V8W Datasheet
97Kb / 5P
   COMPLEX ARRAY FOR VOLTAGE REGULATORS
DS30578 Rev. 4 - 2
DRDNB16W DIODES-DRDNB16W_1 Datasheet
355Kb / 9P
   COMPLEX ARRAY FOR RELAY DRIVERS
DVR1V8W DIODES-DVR1V8W_1 Datasheet
146Kb / 5P
   COMPLEX ARRAY FOR VOLTAGE REGULATORS
DRDPB26W DIODES-DRDPB26W Datasheet
305Kb / 9P
   COMPLEX ARRAY FOR RELAY DRIVERS
DS30573 Rev. 8 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com