Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM1603C Datasheet(PDF) 1 Page - Protek Devices

Part # SM1603C
Description  STANDARD CAPACITANCE TVS ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM1603C Datasheet(HTML) 1 Page - Protek Devices

  SM1603C Datasheet HTML 1Page - Protek Devices SM1603C Datasheet HTML 2Page - Protek Devices SM1603C Datasheet HTML 3Page - Protek Devices SM1603C Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STANDARD CAPACITANCE TVS ARRAY
1
05147.R6 2/07
www.protekdevices.com
SM1603
thru
SM1624C
APPLICATIONS
✔ Wireless Communication Circuits
✔ RS-422, RS-432 & RS-485
✔ Low Voltage ASICs
✔ Portable Electroincs
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
✔ 61000-4-5 (Surge): 12A, 8/20µs Level 1 (Line-Ground) & Level 2 (Line-Line)
FEATURES
✔ 500 Watts Peak Pulse Power per Line (tp=8/20µs)
✔ Unidirectional & Bidirectional Configurations
✔ ESD Protection > 40 kilovolts
✔ Available in Multiple Voltage Types: 3.3V to 24V
✔ Protects up to Eight (8) Lines
✔ RoHS Compliant
MECHANICAL
CHARACTERISTICS
✔ Molded JEDEC SO-16 Package
✔ Weight 0.15 grams (Approximate)
✔ Available in Lead-Free Pure-Tin Plating(Annealed)
✔ Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
✔ Consult Factory for Leaded Device Availability
✔ Flammability Rating UL 94V-0
✔ 16mm Tape and Reel per EIA Standard 481
✔ Packaging: 25 Pieces Per Tube
✔ Marking: Logo, Part Number, Date Code & Pin One Defined By Dot on Top of Package
PIN CONFIGURATIONS
SO-16
1
2
5
4
16
3
6
78
9
10
11
12
13
14
15
1
2
5
4
16
3
6
78
9
10
11
12
13
14
15
BIDIRECTIONAL
CONFIGURATION
UNIDIRECTIONAL
CONFIGURATION


Similar Part No. - SM1603C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SM1603C MICROSEMI-SM1603C Datasheet
105Kb / 2P
   TVSarray Series
logo
Protek Devices
SM1603C PROTEC-SM1603C Datasheet
104Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
SM1603C PROTEC-SM1603C Datasheet
636Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SM1603C PROTEC-SM1603C Datasheet
639Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
More results

Similar Description - SM1603C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20MT05C PROTEC-SM20MT05C Datasheet
176Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
CP05 PROTEC-CP05 Datasheet
109Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N_07 Datasheet
76Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com