Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSB6.8S-LF-T74 Datasheet(PDF) 2 Page - Protek Devices

Part # RSB6.8S-LF-T74
Description  LOW CAPACITANCE TVS ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

RSB6.8S-LF-T74 Datasheet(HTML) 2 Page - Protek Devices

  RSB6.8S-LF-T74 Datasheet HTML 1Page - Protek Devices RSB6.8S-LF-T74 Datasheet HTML 2Page - Protek Devices RSB6.8S-LF-T74 Datasheet HTML 3Page - Protek Devices RSB6.8S-LF-T74 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
05176.R5 3/07
www.protekdevices.com
RSB6.8S
DEVICE CHARACTERISTICS
Power Dissipation
SYMBOL
VALUE
150
°C
mW
150
UNITS
P
T
L
PARAMETER
Junction Temperature
Peak Pulse Power (tp = 10/1000µs) - See Figure 1
PPK
10
Watts
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Storage Temperature
TSTG
-55 to 150
°C
Operating Temperature
°C
-55 to 150
T
OPR
Note 1: Bidirectional device. Test both polarities.
PART
NUMBER
(See Note 1)
DEVICE
MARKING
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CAPACITANCE
0V @ 1 MHz
C
pF
RSB6.8S
C5
5.7
30
MAXIMUM
LEAKAGE
CURRENT
@ 3.5V
I
D
µA
0.5
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
4.7
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified


Similar Part No. - RSB6.8S-LF-T74

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB6.8S ROHM-RSB6.8S Datasheet
69Kb / 3P
   ESD Protection diode
logo
Protek Devices
RSB6.8S PROTEC-RSB6.8S Datasheet
74Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Rohm
RSB6.8S ROHM-RSB6.8S Datasheet
1Mb / 3P
   ESD Protection diode
logo
Protek Devices
RSB6.8S PROTEC-RSB6.8S Datasheet
434Kb / 6P
   LOW CAPACITANCE TVS ARRAY
logo
Rohm
RSB6.8S ROHM-RSB6.8S Datasheet
394Kb / 3P
   ESD Protection diode
More results

Similar Description - RSB6.8S-LF-T74

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
   LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
   LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
   LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Semtech Corporation
RCLAMP3654PA SEMTECH-RCLAMP3654PA Datasheet
166Kb / 9P
   Low Capacitance TVS Array
logo
Protek Devices
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com