Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSRDA3.3-4-LF-T13 Datasheet(PDF) 4 Page - Protek Devices

Part # PSRDA3.3-4-LF-T13
Description  STEERING DIODE/ TVS ARRAY COMBO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSRDA3.3-4-LF-T13 Datasheet(HTML) 4 Page - Protek Devices

  PSRDA3.3-4-LF-T13 Datasheet HTML 1Page - Protek Devices PSRDA3.3-4-LF-T13 Datasheet HTML 2Page - Protek Devices PSRDA3.3-4-LF-T13 Datasheet HTML 3Page - Protek Devices PSRDA3.3-4-LF-T13 Datasheet HTML 4Page - Protek Devices PSRDA3.3-4-LF-T13 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PSRDA3.3-4
thru
PSRDA15-4
4
05096.R8 3/07
www.protekdevices.com
APPLICATION NOTE
The PSRDAxx-4 Series are low capacitance, unidirectional TVS arrays that are designed to protect I/O or high speed data lines from the damaging
effects of ESD or EFT. This product series has a surge capability of 500 Watts P
PP per line for an 8/20µs waveshape and offers ESD protection >
40kV.
DIFFERENTIAL-MODE CONFIGURATION (Figure 1)
Ideal for use in USB applications, the PSRDAxx-4 Series provides up
to four (4) lines of protection in a differential-mode configuration as
depicted in Figure 1.
Circuit connectivity is as follows:
Pins 1, 4, 6 and 7 are connected to the data lines.
Pins 5 and 8 are connected to ground.
Pins 2 and 3 are connected to the databus.
DIFFERENTIAL-MODE CONFIGURATION (Figure 2)
The PSRDAxx-4 Series also provides up to four (4) lines of protection
in a differential-mode configuration as depicted in Figure 2 for T1/E1
applications.
Circuit connectivity is as follows:
Pins 1, 4, 6 and 7 are connected to the data lines.
Pins 5 and 8 are connected to ground.
Pins 2 and 3 are connected to the databus.
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Circuit board layout is critical for Electromagnetic Compat-
ibility (EMC) protection. The following guidelines are
recommended:
The protection device should be placed near the input
terminals or connectors, the device will divert the
transient current immediately before it can be coupled
into the nearby traces.
The path length between the TVS device and the
protected line should be minimized.
All conductive loops including power and ground
loops should be minimized.
The transient current return path to ground should be
kept as short as possible to reduce parasitic induc-
tance.
Ground planes should be used whenever possible.
For multilayer PCBs, use ground vias.
Figure 2. Typical Differential-Mode T1/E1 Protection
4
1
2
8
7
6
5
3
PTC
PTC
PTC
PTC
PLC01-
6
PLC01-
6
GND
GND
TRING
TTIP
RTIP
RRING
4
1
2
8
7
6
5
3
Figure 1. Typical Differential-Mode USB Protection
USB PORT
V
BUS
GND
D+
D-
USB PORT
V
BUS
GND
D+
D-
V
BUS
GND
GND


Similar Part No. - PSRDA3.3-4-LF-T13

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSRDA3.3-4 PROTEC-PSRDA3.3-4 Datasheet
107Kb / 5P
   STEERING DIODE / TVS ARRAY COMBO
PSRDA3.3-4 PROTEC-PSRDA3.3-4 Datasheet
928Kb / 9P
   500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDA3.3-4 PROTEC-PSRDA3.3-4 Datasheet
931Kb / 9P
   500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDA3.3-4A PROTEC-PSRDA3.3-4A Datasheet
397Kb / 6P
   500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDA3.3-4 PROTEC-PSRDA3.3-4_10 Datasheet
928Kb / 9P
   500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results

Similar Description - PSRDA3.3-4-LF-T13

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SR12 PROTEC-SR12 Datasheet
82Kb / 5P
   STEERING DIODE/ TVS ARRAY COMBO
logo
Bourns Electronic Solut...
CDNBS08-SRDA3.3-6 BOURNS-CDNBS08-SRDA3.3-6_12 Datasheet
336Kb / 4P
   Steering Diode/TVS Array Combo
logo
Protek Devices
PLR0508 PROTEC-PLR0508 Datasheet
157Kb / 4P
   STEERING DIODE/TVS ARRAY COMBO
PUSB3B PROTEC-PUSB3B Datasheet
72Kb / 4P
   STEERING DIODE/ TVS ARRAY COMBO
logo
Leshan Radio Company
LGRV05-4LT1G LRC-LGRV05-4LT1G Datasheet
922Kb / 6P
   STEERING DIODE/TVS ARRAY COMBO
logo
Protek Devices
PLR0502 PROTEC-PLR0502 Datasheet
72Kb / 4P
   STEERING DIODE/TVS ARRAY COMBO
logo
Bourns Electronic Solut...
CDNBS08-PLC03-6 BOURNS-CDNBS08-PLC03-6_12 Datasheet
322Kb / 4P
   Steering Diode/TVS Array Combo
CDNBS08-PLC03-6 BOURNS-CDNBS08-PLC03-6_09 Datasheet
270Kb / 4P
   Steering Diode/TVS Array Combo
CDNBS08-SRDA3.3-4 BOURNS-CDNBS08-SRDA3.3-4_12 Datasheet
320Kb / 4P
   Steering Diode/TVS Array Combo
logo
List of Unclassifed Man...
PUSB6B ETC-PUSB6B Datasheet
97Kb / 4P
   STEERING DIODE / TVS ARRAY COMBO
logo
Protek Devices
SR28 PROTEC-SR28 Datasheet
95Kb / 3P
   STEERING DIODE / TVS ARRAY COMBO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com