Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8382UM-03 Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-8382UM-03
Description  ARINC 429 DIFFERENTIAL LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8382UM-03 Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-8382UM-03 Datasheet HTML 1Page - Holt Integrated Circuits HI-8382UM-03 Datasheet HTML 2Page - Holt Integrated Circuits HI-8382UM-03 Datasheet HTML 3Page - Holt Integrated Circuits HI-8382UM-03 Datasheet HTML 4Page - Holt Integrated Circuits HI-8382UM-03 Datasheet HTML 5Page - Holt Integrated Circuits HI-8382UM-03 Datasheet HTML 6Page - Holt Integrated Circuits HI-8382UM-03 Datasheet HTML 7Page - Holt Integrated Circuits HI-8382UM-03 Datasheet HTML 8Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SYMBOL
FUNCTION
DESCRIPTION
V
POWER
THE REFERENCE VOLTAGE USED TO DETERMINE THE OUTPUT VOLTAGE SWING
INPUT
A LOGIC HIGH ON THIS INPUT PLACES THE DRIVER IN POWER DOWN MODE
SYNC
INPUT
SYNCHRONIZES DATA INPUTS
DATA (A)
INPUT
DATA INPUT TERMINAL A
C
INPUT
CONNECTION FOR DATA (A) SLEW-RATE CAPACITOR
A
OUTPUT
ARINC OUTPUT TERMINAL A
-V
POWER
-12V to -15V
GND
POWER
0.0V
+V
POWER
+12V to +15V
B
OUTPUT
ARINC OUTPUT TERMINAL B
C
INPUT
CONNECTION FOR DATA (B) SLEW-RATE CAPACITOR
DATA (B)
INPUT
DATA INPUT TERMINAL B
CLOCK
INPUT
SYNCHRONIZES DATA INPUTS
V
POWER
+5V ±5%
REF
A
OUT
OUT
B
1
STROBE
ABSOLUTE MAXIMUM RATINGS
All Voltages referenced to GND, TA = Operating Temperature Range (unless otherwise specified)
PIN DESCRIPTIONS
PARAMETER
SYMBOL
CONDITIONS
OPERATING RANGE
MAXIMUM
UNIT
Differential Voltage
V
Voltage between +V and -V terminals
40
V
Supply Voltage
+V
+10.8 to +16.5
V
-V
-10.8 to -16.5
V
V
+5 ±5%
+7
V
Voltage Reference
V
For ARINC 429
+5 ±5%
6
V
For Applications other than ARINC
0 to 6
6
V
Input Voltage Range
V
GND -0.3
V
V1 +0.3
V
Output Short-Circuit Duration
See Note: 1
Output Overvoltage Protection
See Note: 2
Operating Temperature Range
T
Hi-temp & Military
-55 to +125
°C
Industrial
-40 to +85
°C
Storage Temperature Range
T
Ceramic & Plastic
-65 to +150
°C
Lead Temperature
Soldering, 10 seconds
+275
°C
Junction Temperature
T
+175
°C
Power Dissipation
P
16-Pin Ceramic DIP
See Note: 3
1.725
W
28-Pin Ceramic LCC
See Note: 3
1.120
W
28-Pin Plastic PLCC
See Note: 3
2.143
W
32-Pin CERQUAD
See Note: 3
1.725
W
Thermal Resistance,
Ø
16-Pin Ceramic DIP
86.5
°C/W
(Junction-to-Ambient)
28-Pin Ceramic LCC
133.7
°C/W
28-Pin Plastic PLCC
70.0
°C/W
32-Pin CERQUAD
86.5
°C/W
Note 1. Heatsinking may be required for Output Short Circuit at +125°C and for 100KBPS at +125°C.
Note 2. The fuses used for Output Overvoltage Protection may be blown by the presence of a voltage at either output that is greater
than ±12.0V with respect to GND. (HI-8382 only)
Note 3. Derate above +25°C, 11.5mW/°C for 16-PIN DIP and 32-PIN CERQUAD, 7.5 mW/°C for 28-PIN LCC, 14.2 mW/°C for 28-PIN PLCC
DIF
1
REF
IN
A
STG
J
D
JA
>
<
NOTE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings
only. Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
HI-8382, HI-8383
HOLT INTEGRATED CIRCUITS
3


Similar Part No. - HI-8382UM-03

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8382UM-03 HOLTIC-HI-8382UM-03 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
More results

Similar Description - HI-8382UM-03

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_06 Datasheet
296Kb / 11P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
RM3182 ETC1-RM3182 Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_08 Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com