Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3282PQIF-10 Datasheet(PDF) 8 Page - Holt Integrated Circuits

Part # HI-3282PQIF-10
Description  ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3282PQIF-10 Datasheet(HTML) 8 Page - Holt Integrated Circuits

Back Button HI-3282PQIF-10 Datasheet HTML 4Page - Holt Integrated Circuits HI-3282PQIF-10 Datasheet HTML 5Page - Holt Integrated Circuits HI-3282PQIF-10 Datasheet HTML 6Page - Holt Integrated Circuits HI-3282PQIF-10 Datasheet HTML 7Page - Holt Integrated Circuits HI-3282PQIF-10 Datasheet HTML 8Page - Holt Integrated Circuits HI-3282PQIF-10 Datasheet HTML 9Page - Holt Integrated Circuits HI-3282PQIF-10 Datasheet HTML 10Page - Holt Integrated Circuits HI-3282PQIF-10 Datasheet HTML 11Page - Holt Integrated Circuits HI-3282PQIF-10 Datasheet HTML 12Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
LIMITS
PARAMETER
CONDITIONS
UNIT
SYMBOL
Differential Input Voltage:
ONE
V
Common
6.5
10.0
13.0
V
ZERO
V
mode voltage less than ±5V
-13.0
-10.0
-6.5
V
NULL
V
with respect to GND
-2.5
0
2.5
V
Input Resistance:
Differential
R
Includes the external 10K
12
K
To GND
R
resistors in series with each ARINC
12
27
K
To Vcc
R
input of a -10 configuration
12
27
K
Input Current:
Input Sink
I
200
µA
Input Source
I
-450
µA
Input Capacitance:
Differential
C
20
pF
(Guaranteed but not tested)
To GND
C
20
pF
To Vcc
C
20
pF
Input Voltage:
Input Voltage HI
V
2.0
V
Input Voltage LO
V
0.8
V
Input Current:
Input Sink
I
1.5
µA
Input Source
I
-1.5
µA
Input Voltage:
Input Voltage HI
V
2.0
V
Input Voltage LO
V
0.8
V
Input Current:
Input Sink
I
10
µA
Input Source
I
-10
µA
Pull-up Current (
Pin)
I
-150
-50
A
Output Voltage:
Logic "1" Output Voltage
V
I
= -1.5mA
2.7
V
Logic "0" Output Voltage
V
I
= 1.6mA
0.4
V
Output Current:
Output Sink
I
V
= 0.4V
1.6
mA
(Bi-directional Pins)
Output Source
I
V
= V
- 0.4V
-1.0
mA
Output Current:
Output Sink
I
V
= 0.4V
1.6
mA
(All Other Outputs)
Output Source
I
V
= V
- 0.4V
-1.0
mA
Output Capacitance:
C
15
pF
Standby Supply Current:
I
10
mA
Operating Supply Current:
I
10
mA
MIN
TYP
MAX
ARINC INPUTS
-
Pins: 429DI1(A), 429DI1(B), 429DI2(A), 429DI2(B)
BI-DIRECTIONAL INPUTS - Pins:BD00-BD15
ALL OTHER INPUTS
OUTPUTS
SUPPLY INPUT
IH
IL
NUL
I
G
H
IH
IL
I
G
H
IH
IL
IH
IL
IH
IL
IH
IL
PU
OH
OH
OL
OL
OL
OUT
OH
OUT
CC
OL
OUT
OH
OUT
CC
O
CC1
CC2
W
W
W
DCBEN
W
µ
Power Dissipation
500mW
Operating Temperature Range:
(Industrial)
-40°C to +85°C
(Military)
-55°C to +125°C
Storage Temperature Range:
-65°C to +150°C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage Vcc
Voltage at ARINC input pins
-29V to +29V
Voltage at any other pin
-0.3V to Vcc +0.3V
DC Current Drain per input pin
10mA
-0.3V to +7V
NOTE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only.
Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
HI-3282
Vcc = 5V ±5%, GND = 0V, TA = Operating Temperature Range (unless otherwise specified).
HOLT INTEGRATED CIRCUITS
8


Similar Part No. - HI-3282PQIF-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3282PQI HOLTIC-HI-3282PQI Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
More results

Similar Description - HI-3282PQIF-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com