Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDM10K45 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SDM10K45
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM10K45 Datasheet(HTML) 2 Page - Diodes Incorporated

  SDM10K45 Datasheet HTML 1Page - Diodes Incorporated SDM10K45 Datasheet HTML 2Page - Diodes Incorporated SDM10K45 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30256 Rev. 13 - 2
2 of 3
SDM10K45
www.diodes.com
0
0
20
40
25
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
A
°
60
80
100
T = 125 C
j
°
0.1
1.0
10
100
0
200
400
600
800
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
T = -25ºC
A
T = 25ºC
A
T = 125ºC
A
T = 75ºC
A
10
0
20
30
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig.3 Typical Reverse Characteristics
R
T = 125ºC
A
T = 75ºC
A
T = 25ºC
A
100
10
1.0
0.1
0.01
1000
1.0
10
100
015
10
25
30
35
20
40
V , REVERSE VOLTAGE (V)
Fig. 4 Total Capacitance vs. Reverse Voltage
R
5.0
T= 25 C
j
°
f = 1MHz
Marking Information
LG
Product Type Code Marking
Cathode Band


Similar Part No. - SDM10K45

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM10K45 DIODES-SDM10K45 Datasheet
160Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30256 Rev. 9 - 2
SDM10K45 DIODES-SDM10K45 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
logo
SUNMATE electronic Co.,...
SDM10K45 SUNMATE-SDM10K45 Datasheet
275Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER DIODE
logo
Diodes Incorporated
SDM10K45-7 DIODES-SDM10K45-7 Datasheet
160Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30256 Rev. 9 - 2
SDM10K45-7-F DIODES-SDM10K45-7-F Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results

Similar Description - SDM10K45

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com