Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3582CJIF-10 Datasheet(PDF) 11 Page - Holt Integrated Circuits

Part # HI-3582CJIF-10
Description  3.3V ARINC 429 TERMINAL IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3582CJIF-10 Datasheet(HTML) 11 Page - Holt Integrated Circuits

Back Button HI-3582CJIF-10 Datasheet HTML 7Page - Holt Integrated Circuits HI-3582CJIF-10 Datasheet HTML 8Page - Holt Integrated Circuits HI-3582CJIF-10 Datasheet HTML 9Page - Holt Integrated Circuits HI-3582CJIF-10 Datasheet HTML 10Page - Holt Integrated Circuits HI-3582CJIF-10 Datasheet HTML 11Page - Holt Integrated Circuits HI-3582CJIF-10 Datasheet HTML 12Page - Holt Integrated Circuits HI-3582CJIF-10 Datasheet HTML 13Page - Holt Integrated Circuits HI-3582CJIF-10 Datasheet HTML 14Page - Holt Integrated Circuits HI-3582CJIF-10 Datasheet HTML 15Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Supply Voltages V
......................................... -0.3V to +4.0V
V+ ......................................................... +11.0V
V- ......................................................... -11.0V
Voltage at pins RIN1A, RIN1B, RIN2A, RIN2B ..... -29V to +29V
Voltage at any other pin ............................... -0.3V to V
+0.3V
Solder temperature (Leads) .................... 280
for 10 seconds
(Package) .......................................... 220
DD
DD
°C
°C
Power Dissipation at 25°C
Plastic Quad Flat Pack ..................1.5 W, derate 10mW/ C
Ceramic J-LEAD CERQUAD ...... 1.0 W, derate 7mW/
DC Current Drain per pin .............................................. ±10mA
Operating Temperature Range (Industrial): .... -40°C to +85°C
(Military): ..... -55°C to +125°C
°
°C
Storage Temperature Range ........................ -65°C to +150°C
ABSOLUTE MAXIMUM RATINGS
NOTE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only.
Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
HI-3582, HI-3583
HOLT INTEGRATED CIRCUITS
11


Similar Part No. - HI-3582CJIF-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3582CJIF-10 HOLTIC-HI-3582CJIF-10 Datasheet
126Kb / 18P
   ARINC 429 3.3V Terminal IC
More results

Similar Description - HI-3582CJIF-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3582 HOLTIC-HI-3582_13 Datasheet
126Kb / 18P
   ARINC 429 3.3V Terminal IC
HI-3582A HOLTIC-HI-3582A Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-3584A HOLTIC-HI-3584A Datasheet
121Kb / 16P
   ARINC 429 3.3V Serial Transmitter
HI-3585 HOLTIC-HI-3585 Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
AN-161 HOLTIC-AN-161 Datasheet
1Mb / 18P
   HI??593 ARINC 429 3.3V Dual Receiver
AN-160 HOLTIC-AN-160 Datasheet
2Mb / 25P
   HI??593 ARINC 429 3.3V Dual Receiver
QSG-3593 HOLTIC-QSG-3593 Datasheet
1Mb / 9P
   HI??593 ARINC 429 3.3V Dual Receiver
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com