Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8281 Datasheet(PDF) 7 Page - Holt Integrated Circuits

Part # HI-8281
Description  ARINC 429 LINE DRIVER AND DUAL RECEIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8281 Datasheet(HTML) 7 Page - Holt Integrated Circuits

Back Button HI-8281 Datasheet HTML 3Page - Holt Integrated Circuits HI-8281 Datasheet HTML 4Page - Holt Integrated Circuits HI-8281 Datasheet HTML 5Page - Holt Integrated Circuits HI-8281 Datasheet HTML 6Page - Holt Integrated Circuits HI-8281 Datasheet HTML 7Page - Holt Integrated Circuits HI-8281 Datasheet HTML 8Page - Holt Integrated Circuits HI-8281 Datasheet HTML 9Page - Holt Integrated Circuits HI-8281 Datasheet HTML 10Page - Holt Integrated Circuits HI-8281 Datasheet HTML 11Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TIMING DIAGRAMS (cont.)
TRANSMITTER OPERATION
PL2
DWSET
t
DWHLD
t
TX/R
t
DWHLD
t
PL12
t
PL
t
DATA BUS
PL1
TX/R
BYTE 2 VALID
PL
t
PL12
t
DWSET
t
BYTE 1 VALID
TRANSMITTING DATA
ARINC BIT
ARINC BIT
ARINC BIT
PL2
ENTX
TXA(OUT)
TXB(OUT)
DIFF
V
(TXA(OUT) - TXB(OUT))
+5V
+5V
+5V
+10V
+10V
-10V
-5V
-5V
-5V
TX/R
PL2EN
t
ENDAT
t
DTX/R
t
ENTX/R
t
DATA
BIT 1
DATA
BIT 2
DATA
BIT 32
one level
zero level
null level
90%
90%
10%
10%
t
fx
t
rx
t
fx
t
rx
HI-8281
HOLT INTEGRATED CIRCUITS
7


Similar Part No. - HI-8281

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8281 HOLTIC-HI-8281 Datasheet
302Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEICER
HI-8281CJI HOLTIC-HI-8281CJI Datasheet
302Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEICER
HI-8281CJT HOLTIC-HI-8281CJT Datasheet
302Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEICER
HI-8281PJI HOLTIC-HI-8281PJI Datasheet
302Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEICER
HI-8281PJT HOLTIC-HI-8281PJT Datasheet
302Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEICER
More results

Similar Description - HI-8281

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8581 HOLTIC-HI-8581_06 Datasheet
142Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8581 HOLTIC-HI-8581 Datasheet
480Kb / 15P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8599 HOLTIC-HI-8599 Datasheet
118Kb / 12P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8590 HOLTIC-HI-8590 Datasheet
97Kb / 8P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8482 HOLTIC-HI-8482 Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482 HOLTIC-HI-8482_06 Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8483 HOLTIC-HI-8483 Datasheet
103Kb / 11P
   ARINC 429 Dual Line Receiver
logo
List of Unclassifed Man...
RM3183 ETC1-RM3183 Datasheet
86Kb / 12P
   Dual ARINC 429 Line Receiver
logo
Device Engineering Inco...
DEI3283 DEIAZ-DEI3283 Datasheet
590Kb / 11P
   DUAL ARINC 429 LINE RECEIVER
logo
Fairchild Semiconductor
RM3283 FAIRCHILD-RM3283 Datasheet
144Kb / 10P
   Dual ARINC 429 Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com