Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3582PQT Datasheet(PDF) 5 Page - Holt Integrated Circuits

Part # HI-3582PQT
Description  3.3V ARINC 429 TERMINAL IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3582PQT Datasheet(HTML) 5 Page - Holt Integrated Circuits

  HI-3582PQT Datasheet HTML 1Page - Holt Integrated Circuits HI-3582PQT Datasheet HTML 2Page - Holt Integrated Circuits HI-3582PQT Datasheet HTML 3Page - Holt Integrated Circuits HI-3582PQT Datasheet HTML 4Page - Holt Integrated Circuits HI-3582PQT Datasheet HTML 5Page - Holt Integrated Circuits HI-3582PQT Datasheet HTML 6Page - Holt Integrated Circuits HI-3582PQT Datasheet HTML 7Page - Holt Integrated Circuits HI-3582PQT Datasheet HTML 8Page - Holt Integrated Circuits HI-3582PQT Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
FIFO
LOAD
CONTROL
SEL
EN
CONTROL
BIT
/
R/W
CONTROL
32 TO 16 DRIVER
32 BIT SHIFT REGISTER
TO PINS
CONTROLBITS
CR0, CR14
CLOCK
OPTION
CLOCK
CLK
BIT
COUNTER
AND
END OF
SEQUENCE
PARITY
CHECK
32ND
BIT
DATA
BIT CLOCK
WORD GAP
WORD GAP
TIMER
BIT CLOCK
END
START
SEQUENCE
CONTROL
ERROR
CLOCK
ERROR
DETECTION
SHIFT REGISTER
SHIFT REGISTER
NULL
ZEROS
SHIFT REGISTER
ONES
EOS
FIGURE 2.
RECEIVER BLOCK DIAGRAM
LABEL /
DECODE
COMPARE
16x8
LABEL
MEMORY
32X32
FIFO
D/R
FF
MUX
CONTROL
CONTROL
BITS
HF
0
X
0
X
Load FIFO
1
No
0
X
Ignore data
1
Yes
0
X
Load FIFO
0
X
1
No
Ignore data
0
X
1
Yes
Load FIFO
1
Yes
1
No
Ignore data
1
No
1
Yes
Ignore data
1
No
1
No
Ignore data
1
Yes
1
Yes
Load FIFO
CR2(3) ARINC word CR6(9) ARINC word
FIFO
matches
bits 9,10
label
match
CR7,8 (10,11)
FUNCTIONAL DESCRIPTION (cont.)
RECEIVER PARITY
The receiver parity circuit counts Ones received, including the
parity bit. If the result is odd, then a "0" will appear in the 32nd bit.
RETRIEVING DATA
Once 32 valid bits are recognized, the receiver logic generates an
End of Sequence (EOS). Depending upon the state of control
register bits CR2-CR11, the received ARINC 32-bit word is then
checked for correct decoding and label matching before being
loaded into the 32 x 32 receive FIFO. ARINC words which do not
meet the necessary 9th and 10th ARINC bit or label matching are
ignored and are not loaded into the receive FIFO. The following
table describes this operation.
HI-3582, HI-3583
HOLT INTEGRATED CIRCUITS
5


Similar Part No. - HI-3582PQT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3582PQTF HOLTIC-HI-3582PQTF Datasheet
126Kb / 18P
   ARINC 429 3.3V Terminal IC
HI-3582PQTF-10 HOLTIC-HI-3582PQTF-10 Datasheet
126Kb / 18P
   ARINC 429 3.3V Terminal IC
More results

Similar Description - HI-3582PQT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3582 HOLTIC-HI-3582_13 Datasheet
126Kb / 18P
   ARINC 429 3.3V Terminal IC
HI-3582A HOLTIC-HI-3582A Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-3584A HOLTIC-HI-3584A Datasheet
121Kb / 16P
   ARINC 429 3.3V Serial Transmitter
HI-3585 HOLTIC-HI-3585 Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
AN-161 HOLTIC-AN-161 Datasheet
1Mb / 18P
   HI??593 ARINC 429 3.3V Dual Receiver
AN-160 HOLTIC-AN-160 Datasheet
2Mb / 25P
   HI??593 ARINC 429 3.3V Dual Receiver
QSG-3593 HOLTIC-QSG-3593 Datasheet
1Mb / 9P
   HI??593 ARINC 429 3.3V Dual Receiver
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com