Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3584CJTF Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-3584CJTF
Description  Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3584CJTF Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-3584CJTF Datasheet HTML 1Page - Holt Integrated Circuits HI-3584CJTF Datasheet HTML 2Page - Holt Integrated Circuits HI-3584CJTF Datasheet HTML 3Page - Holt Integrated Circuits HI-3584CJTF Datasheet HTML 4Page - Holt Integrated Circuits HI-3584CJTF Datasheet HTML 5Page - Holt Integrated Circuits HI-3584CJTF Datasheet HTML 6Page - Holt Integrated Circuits HI-3584CJTF Datasheet HTML 7Page - Holt Integrated Circuits HI-3584CJTF Datasheet HTML 8Page - Holt Integrated Circuits HI-3584CJTF Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
VDD
GND
GND
RIN1B
OR
RIN2B
RIN1A
OR
RIN2A
DIFFERENTIAL
AMPLIFIERS
ONES
COMPARATORS
NULL
ZEROES
VDD
FIGURE 1. ARINC RECEIVER INPUT
FUNCTIONAL DESCRIPTION (cont.)
THE RECEIVERS
ARINC BUS INTERFACE
Figure 1 shows the input circuit for each receiver. The ARINC 429
specification requires the following detection levels:
ONE
+6.5 Volts to +13 Volts
NULL
+2.5 Volts to -2.5 Volts
ZERO
-6.5 Volts to -13 Volts
STATE
DIFFERENTIAL VOLTAGE
HOLT INTEGRATED CIRCUITS
4
HI-3584
ARINC 429 DATA FORMAT
Control register bit CR15 is used to control how individual bits in the
received or transmitted ARINC word are mapped to the HI-3584
data bus during data read or write operations. The following table
describes this mapping:
DATA
BD BD BD BD BD BD BD BD BD BD BD BD BD BD BD BD
BUS
15
14
13
12
11
10
09
08
07
06
05
04
03
02
01
00
ARINC
13
12
11
10
9
31
30
32
12345678
BIT
CR15=0
BYTE 1
ARINC
16
15
14
13
12
11
10
987654321
BIT
CR15=1
BYTE 2
DATA
BD BD BD BD BD BD BD BD BD BD BD BD BD BD BD BD
BUS
15
14
13
12
11
10
09
08
07
06
05
04
03
02
01
00
ARINC
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
BIT
CR15=0
ARINC
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
BIT
CR15=1
The HI-3584 guarantees recognition of these levels with a common
mode Voltage with respect to GND less than ±4V for the worst case
condition (3.0V supply and 13V signal level).
The tolerances in the design guarantee detection of the above
levels, so the actual acceptance ranges are slightly larger. If the
ARINC signal is out of the actual acceptance ranges, including the
nulls, the chip rejects the data.
RECEIVER LOGIC OPERATION
BIT TIMING
BIT RATE
PULSE RISE TIME
PULSE FALL TIME
PULSE WIDTH
Figure 2 shows a block diagram of the logic section of each receiver.
The ARINC 429 specification contains the following timing specifi-
cation for the received data:
100K BPS ± 1% 12K -14.5K BPS
1.5 ± 0.5 µsec
10 ± 5 µsec
1.5 ± 0.5 µsec
10 ± 5 µsec
5 µsec ± 5%
34.5 to 41.7 µsec
The HI-3584 accepts signals that meet these specifications and re-
jects signals outside the tolerances. The way the logic operation
achieves this is described below:
HIGH SPEED
LOW SPEED
3. Each data bit must follow its predecessor by not less than 8
samples and no more than 12 samples. In this manner the bit
rate is checked. With exactly 1MHz input clock frequency, the
acceptable data bit rates are as follows:
83K BPS
10.4K BPS
125K BPS
15.6K BPS
4. The Word Gap timer samples the Null shift register every 10
input clocks (80 for low speed) after the last data bit of a valid
reception.
If the Null is present, the Word Gap counter is
incremented. A count of 3 will enable the next reception.
HIGH SPEED
LOW SPEED
DATA BIT RATE MIN
DATA BIT RATE MAX
1. Key to the performance of the timing checking logic is an ac-
curate 1MHz clock source. Less than 0.1% error is recom-
mended.
2. The sampling shift registers are 10 bits long and must show
three consecutive Ones, Zeros or Nulls to be considered valid
data. Additionally, for data bits, the One or Zero in the upper
bits of the sampling shift registers must be followed by a Null in
the lower bits within the data bit time. For a Null in the word gap,
three consecutive Nulls must be found in both the upper and
lower bits of the sampling shift register. In this manner the mini-
mum pulse width is guaranteed.


Similar Part No. - HI-3584CJTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3584CJTF HOLTIC-HI-3584CJTF Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-3584CJTF-10 HOLTIC-HI-3584CJTF-10 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
More results

Similar Description - HI-3584CJTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com