Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3282 Datasheet(PDF) 10 Page - Holt Integrated Circuits

Part # HI-3282
Description  ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3282 Datasheet(HTML) 10 Page - Holt Integrated Circuits

Back Button HI-3282_06 Datasheet HTML 5Page - Holt Integrated Circuits HI-3282_06 Datasheet HTML 6Page - Holt Integrated Circuits HI-3282_06 Datasheet HTML 7Page - Holt Integrated Circuits HI-3282_06 Datasheet HTML 8Page - Holt Integrated Circuits HI-3282_06 Datasheet HTML 9Page - Holt Integrated Circuits HI-3282_06 Datasheet HTML 10Page - Holt Integrated Circuits HI-3282_06 Datasheet HTML 11Page - Holt Integrated Circuits HI-3282_06 Datasheet HTML 12Page - Holt Integrated Circuits HI-3282_06 Datasheet HTML 13Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
HI-3282
PIN CONFIGURATION (Top View)
DBCEN
MR
MASTER RESET
CWSTR CONTROL WORD STROBE
429DO
XMIT DATA
PL2
XMIT BYTE 2 LE
PL1
XMIT BYTE 1 LE
()
TX CLK (XMIT CLOCK OUT)
CLK
(MASTER CLK IN)
NC
NC
()
ENTX
(ENABLE XMIT)
()
429DO (XMIT DATA)
TX/R
(XMIT READY FLAG)
()
()
BD00
BD01
BD02
BD03
BD04
BD05
GND
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Vcc
(REC. 1 INPUT) 429DI1(A)
(REC.1 INPUT) 429DI1(B)
(REC. 2 INPUT) 429DI2(A)
(REC. 2 INPUT) 429DI2(B)
()
()
(REC. BYTE SELECT)
SEL
()
()
BD15
BD14
BD13
BD12
BD11
BD10
BD09
BD08
BD07
BD06
REC.1 DATA FLAG D/R1
REC.2 DATA FLAG D/R2
REC. 1 OUTPUT ENABLE
EN1
REC. 2 OUTPUT ENABLE
EN2
HI-3282CDI / HI-3282CDT / HI-3282CDM
40-PIN CERAMIC SIDE-BRAZED DIP
HI-3282CDI-10 / HI-3282CDT-10 / HI-3282CDM-10
N/C 7
8
9
SEL 10
11
12
BD15 13
BD14 14
BD13 15
BD12 16
BD11 17
D/R1
D/R2
EN1
EN2
39 N/C
38 N/C
37
36 ENTX
35
34 429DO
33 TX/R
32
31
30 BD00
29 BD01
CWSTR
429DO
PL2
PL1
HI-3282PJI / HI-3282PJT
HI-3282PJI-10 / HI-3282PJT-10
44-Pin J-Lead PLCC
HI-3282CLI / HI-3282CT / HI-3282CLM
44-Pin Leadless Chip Carrier (LCC)
HI-3282CLI-10 / HI-3282CT-10 / HI-3282CLM-10
HOLT INTEGRATED CIRCUITS
10
ADDITIONAL HI-3282 PIN CONFIGURATIONS (See page 1 for the 44-pin Plastic QFP)


Similar Part No. - HI-3282_06

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3282B HOLTIC-HI-3282B Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282BPJIF HOLTIC-HI-3282BPJIF Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282BPJIF-10 HOLTIC-HI-3282BPJIF-10 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282BPJMF HOLTIC-HI-3282BPJMF Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282BPJMF-10 HOLTIC-HI-3282BPJMF-10 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
More results

Similar Description - HI-3282_06

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com