Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3184PST Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-3184PST
Description  ARINC 429 DIFFERENTIAL LINE DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3184PST Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-3184PST Datasheet HTML 1Page - Holt Integrated Circuits HI-3184PST Datasheet HTML 2Page - Holt Integrated Circuits HI-3184PST Datasheet HTML 3Page - Holt Integrated Circuits HI-3184PST Datasheet HTML 4Page - Holt Integrated Circuits HI-3184PST Datasheet HTML 5Page - Holt Integrated Circuits HI-3184PST Datasheet HTML 6Page - Holt Integrated Circuits HI-3184PST Datasheet HTML 7Page - Holt Integrated Circuits HI-3184PST Datasheet HTML 8Page - Holt Integrated Circuits HI-3184PST Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HI-3182, HI-3183, HI-3184, HI-3185
HI-3186, HI-3187, HI-3188
The HI-3182, HI-3183, HI-3184, HI-3185, HI-3186, HI-3187 and
HI-3188 bus interface products are silicon gate CMOS devices
designed as a line driver in accordance with the ARINC 429 bus
specifications. In addition to being functional upgrades of Holt's
HI-8382 & HI-8383 products, they are also alternate sources for
the HS-3182 ( Intersil/Harris), the RM3182 (Fairchild /Raytheon)
and a variety of similar line driver products from other manufac-
turers.
Inputs are provided for clocking and synchronization. These
signals are AND'd with the DATA inputs to enhance system
performance and allow the HI-318X series of products to be
used in a variety of applications. Both logic and synchronization
inputs feature built-in 2,000V minimum ESD input protection as
well as TTL and CMOS compatibility.
The differential outputs of the HI-318X series of products are
programmable to either the high speed or low speed ARINC 429
output rise and fall time specifications through the use of two
external capacitors. The output voltage swing is also adjustable
by the application of an external voltage to the VREF input.
Products with 0, 13 or 37.5 ohm resistors in series with each
ARINC output are available. In addition, the
fuse in series with each
output.
The HI-318X series of line drivers are intended for use where
logic signals must be converted to ARINC 429 levels such as
when using an ASIC, the HI-3282/HI-8282A ARINC 429 Serial
Transmitter/Dual Receiver, the HI-6010 ARINC 429 Transmit-
ter/Receiver or the HI-8783 ARINC Interface Device.
Holt
products are readily available for both industrial and military
applications. Please contact the Holt Sales Department for
additional information.
HI-3182, HI-3184
and HI-3187 products also have a
PIN CONFIGURATION (Top View)
GENERAL DESCRIPTION
!
!
!
!
!
!
Low power CMOS
TTL and CMOS compatible inputs
Programmable output voltage swing
Plastic 14 & 16-pin thermally enhanced SOIC
packages available
Pin-for-Pin alternative for Intersil/Fairchild
applications
Operates at data rates up to 100 Kbits
Overvoltage protection
Industrial and Military temperature ranges
!
!
!
Adjustable ARINC rise and fall times
FEATURES
HI-3184PS, HI-3185PS, HI-3186PS
& HI-3187PS
14 - PIN PLASTIC SMALL OUTLINE (ESOIC)
NB
**
FUNCTION
ARINC 429 DIFFERENTIAL LINE DRIVER
_
+
TRUTH TABLE
SYNC CLOCK DATA(A) DATA(B) AOUT
BOUT COMMENTS
X
L
X
X
0V
0V
NULL
L
X
X
X
0V
0V
NULL
H
H
L
L
0V
0V
NULL
H
H
L
H
-V
+V
LOW
H
H
H
L
+V
-V
HIGH
H
H
H
H
0V
0V
NULL
REF
REF
REF
REF
August 2006
ARINC 429 DIFFERENTIAL LINE DRIVER
14 V
13 CLOCK
12 DATA (B)
11 C
10 B
9+V
8
GND
1
B
OUT
V1
GND (See Note * )
2
SYNC
3
DATA (A)
4
C5
A6
-V
7
REF
A
OUT
(See Page 6 for additional package pin configurations)
Notes: * Pin 2 may be left floating
** Thermally Enhanced SOIC Package
(DS3182 Rev. H )
08/06
HOLT INTEGRATED CIRCUITS
www.holtic.com


Similar Part No. - HI-3184PST

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3184PST HOLTIC-HI-3184PST Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3184PST HOLTIC-HI-3184PST Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3184PSTF HOLTIC-HI-3184PSTF Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3184PSTF-N HOLTIC-HI-3184PSTF-N Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
More results

Similar Description - HI-3184PST

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_06 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
RM3182 ETC1-RM3182 Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_08 Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com