Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3187PSI Datasheet(PDF) 5 Page - Holt Integrated Circuits

Part # HI-3187PSI
Description  ARINC 429 DIFFERENTIAL LINE DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3187PSI Datasheet(HTML) 5 Page - Holt Integrated Circuits

  HI-3187PSI Datasheet HTML 1Page - Holt Integrated Circuits HI-3187PSI Datasheet HTML 2Page - Holt Integrated Circuits HI-3187PSI Datasheet HTML 3Page - Holt Integrated Circuits HI-3187PSI Datasheet HTML 4Page - Holt Integrated Circuits HI-3187PSI Datasheet HTML 5Page - Holt Integrated Circuits HI-3187PSI Datasheet HTML 6Page - Holt Integrated Circuits HI-3187PSI Datasheet HTML 7Page - Holt Integrated Circuits HI-3187PSI Datasheet HTML 8Page - Holt Integrated Circuits HI-3187PSI Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Notes:
1. All data taken
on devices soldered to a single layer copper PCB (3" X 4.5" X .062").
2. At 100% duty cycle, 15V power supplies. For 12V power supplies multiply all tabulated values by 0.8.
3. High Speed: Data Rate = 100 Kbps, Load: R = 400 Ohms,C=10nF. Data not presented forC=30nF
as this is considered unrealistic for high speed operation.
4. Similar results would be obtained with A
shorted to B
.
5. For applications requiring survival with continuous short circuit, operation above Tj = 175°C is not recommended.
6. Data will vary depending on air flow and the method of heat sinking employed.
7. Current values listed are for each of the +V and -V supplies.
in still air
OUT
OUT
HI-318X PACKAGE THERMAL CHARACTERISTICS
HEAT SINK - ESOIC PACKAGES
Both the 14-pin and 16-pin thermally enhanced SOIC
packages are used for HI-318X products. These ESOIC
packages include a metal heat sink located on the bottom
surface of the device. This heat sink should be soldered
down to the printed circuit board for optimum thermal
dissipation. The heat sink is electrically isolated from the
chip and can be soldered to any ground or power plane.
However, since the chip’s substrate is at +V, connecting
the heat sink to this power plane is recommended to avoid
coupling noise into the circuit.
ØJA
JUNCTION TEMPERATURE, Tj
PACKAGE STYLE
HEAT SINK
SUPPLY CURRENT
(°C/W)
TA = 25°C TA = 85°C TA = 125°C
14-pin Thermally
Enhanced Plastic
SOIC (ESOIC)
1
2
Unsoldered
82
36 mA
57°C
147°C
187°C
Soldered
65
36 mA
78°C
138°C
178°C
Unsoldered
51
40 mA
64°C
124°C
164°C
Soldered
28
40 mA
53°C
113°C
153°C
N/A
70
63 mA
100°C
150°C
182°C
14-pin Thermally
Enhanced Plastic
SOIC (ESOIC)
28-pin Plastic
PLCC
ØJA
JUNCTION TEMPERATURE, Tj
PACKAGE STYLE
HEAT SINK
SUPPLY CURRENT
(°C/W)
TA = 25°C TA = 85°C TA = 125°C
14-pin Thermally
Enhanced Plastic
SOIC (ESOIC)
1
2
Unsoldered
82
20 mA
57°C
117°C
157°C
Soldered
65
20 mA
51°C
111°C
151°C
Unsoldered
51
20 mA
45°C
105°C
145°C
Soldered
28
20 mA
36°C
96°C
136°C
N/A
70
25 mA
56°C
110°C
150°C
14-pin Thermally
Enhanced Plastic
SOIC (ESOIC)
28-pin Plastic
PLCC
MAXIMUM ARINC LOAD
3, 6, 7
A
and B
Shorted to Ground
OUT
OUT
3, 4, 5, 6, 7
HOLT INTEGRATED CIRCUITS
5
HI-3182, HI-3183, HI-3184, HI-3185, HI-3186, HI-3187, HI-3188


Similar Part No. - HI-3187PSI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3187PSI HOLTIC-HI-3187PSI Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results

Similar Description - HI-3187PSI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_06 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
RM3182 ETC1-RM3182 Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_08 Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com