Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3183PSI Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-3183PSI
Description  ARINC 429 DIFFERENTIAL LINE DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3183PSI Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-3183PSI Datasheet HTML 1Page - Holt Integrated Circuits HI-3183PSI Datasheet HTML 2Page - Holt Integrated Circuits HI-3183PSI Datasheet HTML 3Page - Holt Integrated Circuits HI-3183PSI Datasheet HTML 4Page - Holt Integrated Circuits HI-3183PSI Datasheet HTML 5Page - Holt Integrated Circuits HI-3183PSI Datasheet HTML 6Page - Holt Integrated Circuits HI-3183PSI Datasheet HTML 7Page - Holt Integrated Circuits HI-3183PSI Datasheet HTML 8Page - Holt Integrated Circuits HI-3183PSI Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FUNCTIONAL DESCRIPTION
The SYNC and CLOCK inputs establish data synchronization
utilizing two AND gates, one for each data input (figure 2).
Each logic input, including the power enable (
) input,
are TTL/CMOS compatible.
Figure 1 illustrates a typical ARINC 429 bus application.
Three power supplies are necessary to operate the HI-3182;
typically +15V, -15V and +5V. The chip also works with ±12V
supplies. The +5V supply can also provide a reference
voltage that determines the output voltage swing.
The
differential output voltage swing will equal 2V
. If a value of
V
other than +5V is needed, a separate +5V power supply
is required for pin V .
With the DATA (A) input at a logic high and DATA (B) input at a
logic low, A
will switch to the +V
rail and B
will
switch to the -V
rail (ARINC HIGH state). With both data
input signals at a logic low state, the outputs will both switch to
0V (ARINC NULL state).
The driver output impedance, R
, is nominally 75, 26 or 0
ohms depending on the option chosen. The rise and fall times
of the outputs can be calibrated through the selection of two
external capacitor values th
re connected to the C and C
input pins. Typical values for high-speed operation
(100KBPS) are C = C = 75pF and for low-speed operation
(12.5 to 14KBPS) C = C = 500pF.
STROBE
REF
REF
OUT
REF
OUT
REF
OUT
1
AB
AB
AB
at a
The C and C pins swing between +5V and ground allowing
the switching of capacitor values with an external single-
supply analog switch.
AB
The ARINC outputs can be put in a tri-state mode by applying
a logic high to the
input pin. If this feature is not
being used, the pin should be tied to ground. The
STROBE
STROBE
function is not available in the 14 & 16-pin SOIC package
configurations where the pin is internally connected to
ground.
The ARINC outputs of the HI-3182, HI-3184 and HI-3187 are
protected by internal fuses capable of sinking between 800 -
900 mA for short periods of time (125 s).
The Vref pin has an internal pull-up resistor to V+, allowing the
use of a simple external zener diode to set the reference
voltage.
m
POWER SUPPLY SEQUENCING
The power supplies should be controlled to prevent large
currents during supply turn-on and turn-off. The
recommended sequence is +V followed by V , always
ensuring that +V is the most positive supply. The -V supply
is not critical and can be asserted at any time.
1
HI-3182, HI-3183, HI-3184, HI-3185, HI-3186, HI-3187, HI-3188
DATA (A)
OUT
DATA (B)
INPUTS
TO ARINC BUS
A
OUT
B
REF
V
1
V
SYNC
CLOCK
-V
+V
STROBE
GND
B
A
C
C
-15V
+15V
+5V
Figure 1. ARINC 429 BUS APPLICATION
Figure 2. FUNCTIONAL BLOCK DIAGRAM
OUT
B
Shorted on
HI-3186, HI-3187, HI-3188
CL
REF
FA
RL
FB
OUT
A
OUTPUT
DRIVER (B)
OUTPUT
DRIVER (A)
B
C
GND
-V
DATA (A)
DATA (B)
SYNC
CLOCK
V1
STROBE
A
C
V
+V
LEVEL SHIFTER
AND SLOPE
CONTROL (B)
LEVEL SHIFTER
AND SLOPE
CONTROL (A)
CURRENT
REGULATOR
13
W
13
W
24.5
W
Shorted on
HI-3183, HI-3186
HI-3187, HI-3188
Shorted on
HI-3183, HI-3185
HI-3186, HI-3188
24.5
W
HOLT INTEGRATED CIRCUITS
2


Similar Part No. - HI-3183PSI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3183PSI HOLTIC-HI-3183PSI Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3183PSI HOLTIC-HI-3183PSI Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3183PSIF HOLTIC-HI-3183PSIF Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
More results

Similar Description - HI-3183PSI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_06 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
RM3182 ETC1-RM3182 Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_08 Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com