Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3182CLM Datasheet(PDF) 10 Page - Holt Integrated Circuits

Part # HI-3182CLM
Description  ARINC 429 DIFFERENTIAL LINE DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3182CLM Datasheet(HTML) 10 Page - Holt Integrated Circuits

Back Button HI-3182CLM Datasheet HTML 3Page - Holt Integrated Circuits HI-3182CLM Datasheet HTML 4Page - Holt Integrated Circuits HI-3182CLM Datasheet HTML 5Page - Holt Integrated Circuits HI-3182CLM Datasheet HTML 6Page - Holt Integrated Circuits HI-3182CLM Datasheet HTML 7Page - Holt Integrated Circuits HI-3182CLM Datasheet HTML 8Page - Holt Integrated Circuits HI-3182CLM Datasheet HTML 9Page - Holt Integrated Circuits HI-3182CLM Datasheet HTML 10Page - Holt Integrated Circuits HI-3182CLM Datasheet HTML 11Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
HI-318X PACKAGE DIMENSIONS
inches (millimeters)
HOLT INTEGRATED CIRCUITS
10
Package Type:
.045 x 45°
.453 ± .003
(11.506 ± .076)
SQ.
.490 ± .005
(12.446 ± .127)
SQ.
.045 x 45°
SEE DETAIL
A
.173 ± .008
(4.394 ± .203)
PIN NO. 1 IDENT
PIN NO. 1
.015 ± .002
(.381 ± .051)
DETAIL A
.020 MIN
(.508 MIN)
.025
.045
28-PIN PLASTIC PLCC
.410 ± .020
(10.414 ± .508)
.031 ± .005
(.787 ± .127)
.017 ± .004
(.432 ± .102)
.009
.011
.050 ± .005
(1.27 ± .127)
28J
R
Package Type:
.790 MAX.
(20.006 MAX.)
.200 MAX.
(5.080 MAX.)
.056 TYP.
(1.422 TYP.)
.100 ± .010
(2.54 ± .254)
.288 ± .005
(7.315 ± .125)
.050 MAX.
(1.27 MAX.)
.005 MIN.
(.127 MIN.)
.015 MIN.
(.381 MIN.)
0° to 15°
.010 ± .002
(.254 ± .051)
.180 MAX.
(4.572 MAX.)
.310 ± .010
(7.874 ± .254)
.125 MIN.
(3.175 MIN.)
.018 ± .003
(.457 ± .760)
16D
16-PIN CERDIP


Similar Part No. - HI-3182CLM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3182CLM HOLTIC-HI-3182CLM Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182CLM HOLTIC-HI-3182CLM Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
More results

Similar Description - HI-3182CLM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_06 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
RM3182 ETC1-RM3182 Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_08 Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com