Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PP3500SA Datasheet(PDF) 6 Page - Protek Devices

Part # PP3500SA
Description  THYRISTOR SURGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PP3500SA Datasheet(HTML) 6 Page - Protek Devices

  PP3500SA Datasheet HTML 1Page - Protek Devices PP3500SA Datasheet HTML 2Page - Protek Devices PP3500SA Datasheet HTML 3Page - Protek Devices PP3500SA Datasheet HTML 4Page - Protek Devices PP3500SA Datasheet HTML 5Page - Protek Devices PP3500SA Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PP0640SA
thru
PP3500SC
6
05081.R10 2/07
www.protekdevices.com
DO-214AA PACKAGE OUTLINE & DIMENSIONS
COPYRIGHT © ProTek Devices 2007
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is
the buyer ’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such
products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
TAPE & REEL ORDERING NOMENCLATURE
1. Surface mount product is taped and reeled in accordance with EIA-481.
2. Suffix-T = 13 Inch Reel - 3,000 pieces per 12mm tape,
i.e.,
PP0640SA-T.
3. Suffix - LF = Lead-Free, Pure-Tin Plating, .e.,
PP0640SA-LF-T.
PACKAGE OUTLINE
A
B
C
D
E
F
G
H
2.21
3.94
4.57
2.50
1.52
5.59
0.20
0.31
0.077
0.130
0.160
0.079
0.030
0.205
0.004
0.006
0.087
0.155
0.180
0.098
0.060
0.220
0.008
0.012
1.96
3.30
4.06
2.00
0.76
5.21
0.10
0.15
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
DIMENSIONS
DO-214AA (SMB)
NOTES
1. Dimensions are exclusive of mold flash and metal burrs.
A
B
C
H
E
F
G
D
Outline & Dimensions: Rev 0 - 4/02, 06030


Similar Part No. - PP3500SA

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PP3500SA PROTEC-PP3500SA Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP3500SA PROTEC-PP3500SA Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP3500SA PROTEC-PP3500SA Datasheet
808Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
More results

Similar Description - PP3500SA

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
logo
Shindengen Electric Mfg...
KP20NU11 SHINDENGEN-KP20NU11 Datasheet
201Kb / 4P
   Thyristor Surge Suppressor
KU10NU11 SHINDENGEN-KU10NU11 Datasheet
143Kb / 4P
   THYRISTOR Surge suppressor
logo
Protek Devices
PP0640SA PROTEC-PP0640SA Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_12 Datasheet
808Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP_SM PROTEC-PP_SM_15 Datasheet
534Kb / 10P
   THYRISTOR SURGE SUPPRESSOR
logo
List of Unclassifed Man...
PP1101SB ETC1-PP1101SB Datasheet
353Kb / 4P
   UNIDIRECTIONAL THYRISTOR SURGE SUPPRESSOR
logo
Guangdong Kexin Industr...
P0080TB KEXIN-P0080TB Datasheet
1Mb / 3P
   Thyristor Surge Suppressors
logo
Shanghai Leiditech Elec...
SE2302 LEIDITECH-SE2302 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
logo
SUNMATE electronic Co.,...
P4000SC SUNMATE-P4000SC Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com