Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3184 Datasheet(PDF) 11 Page - Holt Integrated Circuits

Part # HI-3184
Description  ARINC 429 DIFFERENTIAL LINE DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3184 Datasheet(HTML) 11 Page - Holt Integrated Circuits

Back Button HI-3184 Datasheet HTML 3Page - Holt Integrated Circuits HI-3184 Datasheet HTML 4Page - Holt Integrated Circuits HI-3184 Datasheet HTML 5Page - Holt Integrated Circuits HI-3184 Datasheet HTML 6Page - Holt Integrated Circuits HI-3184 Datasheet HTML 7Page - Holt Integrated Circuits HI-3184 Datasheet HTML 8Page - Holt Integrated Circuits HI-3184 Datasheet HTML 9Page - Holt Integrated Circuits HI-3184 Datasheet HTML 10Page - Holt Integrated Circuits HI-3184 Datasheet HTML 11Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Package Type:
.040 TYP.
(1.016) TYP.
.190 MAX.
(4.826) MAX.
.420 ± .012
(10.668 ± .305)
.588 ± .008
(14.935 ± .203)
.019 ± .003
(.483 ± .076)
.050 TYP.
(1.270) TYP.
.488 ± .008
(12.395 ± .203)
.450 ± .008
(11.430 ± .203)
.550 ± .009
(13.970 ± .229)
.520 ± .012
(13.208 ± .305)
31
32
1
2
.083 ± .009
(2.108 ± .229)
32-PIN J-LEAD CERQUAD
32U
HI-318X PACKAGE DIMENSIONS
inches (millimeters)
HOLT INTEGRATED CIRCUITS
11
Package Type:
.451 ± .009
(11.455 ± .229)
SQ.
.080 ± .020
(2.032 ± .508)
.040 x 45° 3PLS
(1.016 x 45° 3PLS)
.050 ± .005
(1.270 ± .127)
.025 ± .003
(.635 ± .076)
.050 BSC
(1.270 BSC)
.008R ± .006
(.203R ± .152)
.020 INDEX
(.508 INDEX)
PIN 1
28S
28-PIN CERAMIC LEADLESS CHIP CARRIER
PIN 1


Similar Part No. - HI-3184

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3184 HOLTIC-HI-3184 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3184 HOLTIC-HI-3184 Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3184PSI HOLTIC-HI-3184PSI Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3184PSI HOLTIC-HI-3184PSI Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3184PSIF HOLTIC-HI-3184PSIF Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
More results

Similar Description - HI-3184

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_06 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
RM3182 ETC1-RM3182 Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_08 Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com