Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBZ363C7V0 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # TBZ363C7V0
Description  TRIPLE BI-DIRECTIONAL SURFACE MOUNT ZENER DIODE ARRAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TBZ363C7V0 Datasheet(HTML) 1 Page - Diodes Incorporated

  TBZ363C7V0 Datasheet HTML 1Page - Diodes Incorporated TBZ363C7V0 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lead-free
DS30185 Rev. 12 - 2
1 of 2
TBZ363C5V5 - TBZ363C20V8
www.diodes.com
ã Diodes Incorporated
TBZ363C5V5 - TBZ363C20V8
TRIPLE BI-DIRECTIONAL SURFACE MOUNT ZENER
DIODE ARRAY
Features
·
Nominal Zener Voltages: 5.5V, 6.4V, 7.0V, 20.8V
·
Ultra-Small Surface Mount Package
·
Ideal For Transient Suppression
·
Lead Free/RoHS Compliant (Note 4)
·
Case: SOT-363
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish
annealed over Alloy 42 leadframe).
·
Marking: See Below & Page 2
·
Ordering Information, See Page 2
·
Weight: 0.006 grams (approx.)
Mechanical Data
Characteristic
Symbol
Value
Unit
Power Dissipation (Note1)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1.
Mounted on FR4 PC Board with recommended pad layout which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2.
VZ measured @ IZT using a short duration pulse. Standard voltage tolerance is 5%.
3.
f = 1KHz.
4.
No purposefully added lead.
Maximum Ratings
@ TA = 25
°C unless otherwise specified
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
0
°
8
°
All Dimensions in mm
A
M
J
L
D
B C
H
K
F
Internal Schematic
KXX YM
Type
Number
Marking
Code
Zener Voltage
Range (Note 3)
Maximum Zener Impedance
(Note 2)
Maximum Reverse
Current
Temperature
Coefficient
VZ @IZT
ZZT @IZT
ZZK @IZK
IR @ VR
TC (mV/oC)
Nom (V)
Min (V)
Max (V)
W
mA
W
mA
mA
V
Min
Max
TBZ363C5V5
KL1
5.5
5.22
5.78
80
5.0
500
1.0
1.0
2.0
-5.5
-2.2
TBZ363C6V4
KL3
6.4
6.08
6.72
50
5.0
400
1.0
2.0
3.0
-4.0
0.5
TBZ363C7V0
KL5
7.0
6.65
7.35
18
5.0
200
1.0
2.0
4.0
-1.6
1.7
TBZ363C20V8
KV7
20.8
19.76
21.84
58
5.0
225
1.0
0.1
14
12.4
16.0
Electrical Characteristics @ TA = 25°C unless otherwise specified


Similar Part No. - TBZ363C7V0

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TBZ363C7V0 DIODES-TBZ363C7V0 Datasheet
51Kb / 2P
   TRIPLE BI-DIRECTIONAL SURFACE MOUNT ZENER DIODE ARRAY
DS30185 Rev. 6 - 2
TBZ363C7V0-7-F DIODES-TBZ363C7V0-7-F Datasheet
108Kb / 3P
   TRIPLE BI-DIRECTIONAL SURFACE MOUNT ZENER DIODE ARRAY
Rev. 15- 2 June 2008
More results

Similar Description - TBZ363C7V0

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TBZ363C5V5 DIODES-TBZ363C5V5 Datasheet
51Kb / 2P
   TRIPLE BI-DIRECTIONAL SURFACE MOUNT ZENER DIODE ARRAY
DS30185 Rev. 6 - 2
TBZ363C5V5 DIODES-TBZ363C5V5_08 Datasheet
108Kb / 3P
   TRIPLE BI-DIRECTIONAL SURFACE MOUNT ZENER DIODE ARRAY
Rev. 15- 2 June 2008
TBZ363C5V5 DIODES-TBZ363C5V5_15 Datasheet
108Kb / 3P
   TRIPLE BI-DIRECTIONAL SURFACE MOUNT ZENER DIODE ARRAY
MMBZ5221BTS DIODES-MMBZ5221BTS Datasheet
62Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 4 - 2
BZX84C2V4TS DIODES-BZX84C2V4TS_15 Datasheet
165Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
BZX84C2V4TS DIODES-BZX84C2V4TS_1 Datasheet
158Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30187 Rev. 9 - 2
BZX84C2V4TS DIODES-BZX84C2V4TS_08 Datasheet
165Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 11 - 2 May 2008
MMBZ5221BTS DIODES-MMBZ5221BTS_08 Datasheet
149Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 12 - 2 June 2008
BZX84C2V4TS DIODES-BZX84C2V4TS Datasheet
59Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30187 Rev. 4 - 2
MMBZ5221BTS DIODES-MMBZ5221BTS_1 Datasheet
91Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 10 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com