Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR120-T Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MUR120-T
Description  1.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MUR120-T Datasheet(HTML) 3 Page - Diodes Incorporated

  MUR120-T Datasheet HTML 1Page - Diodes Incorporated MUR120-T Datasheet HTML 2Page - Diodes Incorporated MUR120-T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes:
4. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf
DS30178 Rev. 3 - 2
3 of 3
MUR120
www.diodes.com
50V DC
Approx
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 50/100 ns/cm
+0.5A
0A
-0.25A
-1.0A
Fig. 6 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
10
100
1000
1
4
10
100
V , REVERSE VOLTAGE (V)
R
Fig.5 Typical Total Capacitance
T = 25°C
j
f= 1MHz
Ordering Information
Device
Packaging
Shipping
MUR120-A
DO-41
5K/Ammo Pack
MUR120-B
DO-41
1K/Bulk
MUR120-T
DO-41
5K/Tape & Reel, 13-inch
(Note 4)


Similar Part No. - MUR120-T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MUR120-E3 VISHAY-MUR120-E3 Datasheet
71Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 15-Aug-13
MUR120-E3/54 VISHAY-MUR120-E3/54 Datasheet
93Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
MUR120-E3/73 VISHAY-MUR120-E3/73 Datasheet
93Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
logo
Frontier Electronics.
MUR120-LFR FRONTIER-MUR120-LFR Datasheet
128Kb / 2P
   1A ULTRA FAST EFFICIENT RECTIFIER
logo
Shenzhen Luguang Electr...
MUR120-MUR190 LUGUANG-MUR120-MUR190 Datasheet
1,017Kb / 3P
   Super Fast Rectifiers
More results

Similar Description - MUR120-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SF10AG DIODES-SF10AG_1 Datasheet
380Kb / 3P
   1.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24012 Rev. 4 - 2
SF10AG DIODES-SF10AG Datasheet
62Kb / 2P
   1.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24012 Rev. A1-2
MUR120 DIODES-MUR120_15 Datasheet
108Kb / 3P
   1.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
SF10AG DIODES-SF10AG_15 Datasheet
221Kb / 4P
   1.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
TAITRON Components Inco...
EGF1A TAITRON-EGF1A Datasheet
139Kb / 4P
   1.0A Sintered Glass Passivated Super Fast Rectifier
EGP10A TAITRON-EGP10A Datasheet
136Kb / 4P
   1.0A Sintered Glass Passivated Super Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
EMS1F ZSELEC-EMS1F Datasheet
96Kb / 2P
   SUPER FAST SURFACE MOUNT 1.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
1N4933G DIODES-1N4933G Datasheet
62Kb / 2P
   1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27002 Rev. 7 - 2
1N4933G DIODES-1N4933G_2 Datasheet
85Kb / 3P
   1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27002 Rev. 7 - 2
PR1001G DIODES-PR1001G_15 Datasheet
162Kb / 4P
   1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com