Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25X40VSSCZ Datasheet(PDF) 7 Page - Winbond

Part # W25X40VSSCZ
Description  1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X40VSSCZ Datasheet(HTML) 7 Page - Winbond

Back Button W25X40VSSCZ Datasheet HTML 3Page - Winbond W25X40VSSCZ Datasheet HTML 4Page - Winbond W25X40VSSCZ Datasheet HTML 5Page - Winbond W25X40VSSCZ Datasheet HTML 6Page - Winbond W25X40VSSCZ Datasheet HTML 7Page - Winbond W25X40VSSCZ Datasheet HTML 8Page - Winbond W25X40VSSCZ Datasheet HTML 9Page - Winbond W25X40VSSCZ Datasheet HTML 10Page - Winbond W25X40VSSCZ Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
W25X10, W25X20, W25X40, W25X80
Publication Release Date: September 22, 2006
- 7 -
Preliminary - Revision I
7.1
Package Types
At the time this datasheet was published not all package types had been finalized. Contact Winbond
to confirm availability of these packages before designing to this specification. The W25X10, W25X20
and W25X40 are offered in an 8-pin plastic 150-mil width SOIC (package code SN) as shown in figure
1a. The W25X40 and W25X80 is offered in an 8-pin plastic 208-mil width SOIC (package code SS) as
shown in figure 1b. All parts will be offered in 6x5-mm WSON (package code ZP) and 300-mil DIP
(package code DA). Package diagrams and dimensions are illustrated at the end of this datasheet.
7.2
Chip Select (/CS)
The SPI Chip Select (/CS) pin enables and disables device operation. When /CS is high the device is
deselected and the Serial Data Output (DO) pin is at high impedance. When deselected, the devices
power consumption will be at standby levels unless an internal erase, program or status register cycle
is in progress. When /CS is brought low the device will be selected, power consumption will increase
to active levels and instructions can be written to and data read from the device. After power-up, /CS
must transition from high to low before a new instruction will be accepted. The /CS input must track
the VCC supply level at power-up (see “Write Protection” and figure 20). If needed a pull-up resister
on /CS can be used to accomplish this.
7.3
Serial Data Output (DO)
The SPI Serial Data Output (DO) pin provides a means for data and status to be serially read from
(shifted out of) the device. Data is shifted out on the falling edge of the Serial Clock (CLK) input pin.
7.4
Write Protect (/WP)
The Write Protect (/WP) pin can be used to prevent the Status Register from being written. Used in
conjunction with the Status Register’s Block Protect (BP2, BP1, and BP0) bits and Status Register
Protect (SRP) bits, a portion or the entire memory array can be hardware protected. The /WP pin is
active low.
7.5
HOLD (/HOLD)
The /HOLD pin allows the device to be paused while it is actively selected. When /HOLD is brought
low, while /CS is low, the DO pin will be at high impedance and signals on the DIO and CLK pins will
be ignored (don’t care). When /HOLD is brought high, device operation can resume. The /HOLD
function can be useful when multiple devices are sharing the same SPI signals. (“See Hold function”)
7.6
Serial Clock (CLK)
The SPI Serial Clock Input (CLK) pin provides the timing for serial input and output operations. ("See
SPI "Operations")
7.7
Serial Data Input / Output (DIO)
The SPI Serial Data Input/Output (DIO) pin provides a means for instructions, addresses and data to
be serially written to (shifted into) the device. Data is latched on the rising edge of the Serial Clock
(CLK) input pin. The DIO pin is also used as an output when the Fast Read Dual Output instruction is
executed.


Similar Part No. - W25X40VSSCZ

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X40VSSCZ WINBOND-W25X40VSSCZ Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
More results

Similar Description - W25X40VSSCZ

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X10 WINBOND-W25X10_07 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A_09 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10_08 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10AL WINBOND-W25X10AL Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10AL WINBOND-W25X10AL_09 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10L WINBOND-W25X10L Datasheet
1Mb / 46P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10BV WINBOND-W25X10BV Datasheet
1Mb / 51P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10BL WINBOND-W25X10BL Datasheet
2Mb / 53P
   1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
List of Unclassifed Man...
NX25P40 ETC-NX25P40 Datasheet
533Kb / 28P
   1M BIT 2M BIT AND 4M BIT SERIAL FLASH MEMORY WITH 10MHZ SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com