Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA2423L Datasheet(PDF) 8 Page - SiGe Semiconductor, Inc.

Part # PA2423L
Description  RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

PA2423L Datasheet(HTML) 8 Page - SiGe Semiconductor, Inc.

  PA2423L Datasheet HTML 1Page - SiGe Semiconductor, Inc. PA2423L Datasheet HTML 2Page - SiGe Semiconductor, Inc. PA2423L Datasheet HTML 3Page - SiGe Semiconductor, Inc. PA2423L Datasheet HTML 4Page - SiGe Semiconductor, Inc. PA2423L Datasheet HTML 5Page - SiGe Semiconductor, Inc. PA2423L Datasheet HTML 6Page - SiGe Semiconductor, Inc. PA2423L Datasheet HTML 7Page - SiGe Semiconductor, Inc. PA2423L Datasheet HTML 8Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PA2423L-EK1
RangeCharger
TM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
13-DST-03
Rev 2.3
Jan-18-2005
8 of 8
QA011805
http://www.sige.com
Email:
sales@sige.com
Headquarters:
Sales Locations:
2680 Queensview Drive
Hong Kong
Ottawa ON K2B 8J9 Canada
Phone: +852 3428 7222
Fax:
+852 3579 5450
Phone: +1 613 820 9244
San Diego
Fax:
+1 613 820 4933
Phone: +1 858 668 3541
Fax:
+1 858 668 3546
United Kingdom
Phone: +44 1264 850754
Fax:
+44 1264 852601
Product Preview
The datasheet contains information from the product concept specification. SiGe Semiconductor, Inc. reserves the right to change
information at any time without notification.
Preliminary Information
The datasheet contains information from the design target specification. SiGe Semiconductor, Inc. reserves the right to change
information at any time without notification.
Production testing may not include testing of all parameters.
Information furnished is believed to be accurate and reliable and is provided on an “as is” basis. SiGe Semiconductor, Inc. assumes
no responsibility or liability for the direct or indirect consequences of use of such information nor for any infringement of patents or
other rights of third parties, which may result from its use. No license or indemnity is granted by implication or otherwise under any
patent or other intellectual property rights of SiGe Semiconductor, Inc. or third parties. Specifications mentioned in this publication
are subject to change without notice.
This publication supersedes and replaces all information previously supplied.
SiGe
Semiconductor, Inc. products are NOT authorized for use in implantation or life support applications or systems without express
written approval from SiGe Semiconductor, Inc.
RangeCharger
TM, StreamChargerTM, and PointChargerTM are trademarks owned by SiGe Semiconductor, Inc.
Copyright 2005 SiGe Semiconductor, Inc.
All Rights Reserved


Similar Part No. - PA2423L

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
PA2423L SIGE-PA2423L Datasheet
367Kb / 11P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
PA2423L SIGE-PA2423L Datasheet
200Kb / 10P
   RangeCharger 2.4 GHz Power Amplifier IC
PA2423L-EV SIGE-PA2423L-EV Datasheet
367Kb / 11P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
PA2423L-EV SIGE-PA2423L-EV Datasheet
200Kb / 10P
   RangeCharger 2.4 GHz Power Amplifier IC
PA2423L-R SIGE-PA2423L-R Datasheet
200Kb / 10P
   RangeCharger 2.4 GHz Power Amplifier IC
More results

Similar Description - PA2423L

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
PA2423U-EK1 SIGE-PA2423U-EK1 Datasheet
143Kb / 8P
   RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
PA2423U SIGE-PA2423U Datasheet
230Kb / 10P
   RangeChargerTM 2.4 GHz Bluetoothtm Power Amplifier IC Preliminary
SE2425U SIGE-SE2425U Datasheet
225Kb / 10P
   RangeChargerTM 2.4 GHz Bluetooth Power Amplifier IC Preliminary Information
logo
Skyworks Solutions Inc.
SE2433T SKYWORKS-SE2433T Datasheet
1Mb / 13P
   2.4 GHz Power Amplifier
logo
Silicon Storage Technol...
SST12LP14 SST-SST12LP14 Datasheet
226Kb / 12P
   2.4 GHz Power Amplifier
logo
List of Unclassifed Man...
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
   2.4~2.5 GHz Power Amplifier
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
   2.4~2.5 GHz Power Amplifier
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
   2.4-2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
logo
List of Unclassifed Man...
AP1098 ETC-AP1098 Datasheet
104Kb / 5P
   2.4~2.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com