Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-1575PCMF Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part # HI-1575PCMF
Description  3.3V Dual Transceivers with Integrated Encoder / Decoders
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1575PCMF Datasheet(HTML) 9 Page - Holt Integrated Circuits

Back Button HI-1575PCMF Datasheet HTML 4Page - Holt Integrated Circuits HI-1575PCMF Datasheet HTML 5Page - Holt Integrated Circuits HI-1575PCMF Datasheet HTML 6Page - Holt Integrated Circuits HI-1575PCMF Datasheet HTML 7Page - Holt Integrated Circuits HI-1575PCMF Datasheet HTML 8Page - Holt Integrated Circuits HI-1575PCMF Datasheet HTML 9Page - Holt Integrated Circuits HI-1575PCMF Datasheet HTML 10Page - Holt Integrated Circuits HI-1575PCMF Datasheet HTML 11Page - Holt Integrated Circuits HI-1575PCMF Datasheet HTML 12Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
VDD = 3.3 V, GND = 0V, T =Operating Temperature Range (unless otherwise specified)
A
AC ELECTRICAL CHARACTERISTICS
HOLT INTEGRATED CIRCUITS
9
HI-1575
FIGURE 12. DIRECT COUPLED TEST CIRCUITS
Isolation
Transformer
Point “A “
D
HI-1575 TRANSMITTER
HI-1575 RECEIVER
1:2.5
55
W
55
W
35
W
2.5:1
55
W
55
W
35
W
BUSA/B
BUSA/B
Isolation
Transformer
Point “A “
D
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
RiseTtime
tr
35 ohm load
100
300
ns
Fall Time
tf
35 ohm load
100
300
ns
RECEIVER (See figures 8 and 9)
Sync Transition Span
t
1500
ns
Short Data Transition Span
t
500
ns
Long Data Transition Span
t
1000
ns
Delay Mid-Parity to Flag Set
t
2500
ns
Flag Setup Time to Read
t
0
ns
Flag Reset Delay
t
60
ns
DATA BUS TIMING - WRITE
(See figure 10)
Strobe
Pulse Width
t
50
ns
REG Write Setup Time
t
50
ns
REG Write Hold Time
t
10
ns
Databus / SYNC Write Setup Time
t
50
ns
Databus / SYNC Write Hold Time
t
10
ns
CHA/
Write Setup Time
t
50
ns
CHA/
Write Hold Time
t
10
ns
R/
Write Setup Time
t
50
ns
R/
Write Hold Time
t
10
ns
DATA BUS TIMING - READ (See figure 11)
Strobe
Pulse Width
t
50
ns
REG Read Setup Time
t
50
ns
REG Read Hold Time
t
10
ns
Data Read to Databus Valid
t
60
ns
Data Read to Databus Tri-state
t
0
60
ns
CHA/
Read Setup Time
t
50
ns
CHA/
Read Hold Time
t
10
ns
R/
Read Setup Time
t
50
ns
R/
Read Hold Time
t
10
ns
TRANSMITTER
(Measured at Point “A ” in Figure 12)
D
R1
R2
R3
FH
FR
RF
STR
RWS
RWH
DWS
DWH
CHWS
CHWH
RWWS
RWWH
STR
RRS
RRH
DRV
DRT
CHRS
CHRH
RWRS
RWRH
STRB
CHB
CHB
W
W
STRB
CHB
CHB
W
W


Similar Part No. - HI-1575PCMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1575 HOLTIC-HI-1575_11 Datasheet
107Kb / 13P
   MIL-STD-1553 3.3V Dual Transceivers with Integrated Encoder / Decoders
More results

Similar Description - HI-1575PCMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1575 HOLTIC-HI-1575_11 Datasheet
107Kb / 13P
   MIL-STD-1553 3.3V Dual Transceivers with Integrated Encoder / Decoders
logo
Zilog, Inc.
Z87010 ZILOG-Z87010 Datasheet
89Kb / 22P
   Audio Encoder/Decoders
logo
Holt Integrated Circuit...
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579A HOLTIC-HI-1579A Datasheet
69Kb / 9P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573_15 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579PCI HOLTIC-HI-1579PCI Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573 Datasheet
164Kb / 9P
   3.3V Monolithic Dual Transceivers
logo
Analog Devices
AD71028 AD-AD71028 Datasheet
427Kb / 20P
   Dual Digital BTSC Encoder with Integrated DAC
REV. 0
logo
Linear Technology
LTC2855 LINER-LTC2855_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2854 LINER-LTC2854 Datasheet
234Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com