Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-1575PQI Datasheet(PDF) 7 Page - Holt Integrated Circuits

Part # HI-1575PQI
Description  3.3V Dual Transceivers with Integrated Encoder / Decoders
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1575PQI Datasheet(HTML) 7 Page - Holt Integrated Circuits

Back Button HI-1575PQI Datasheet HTML 3Page - Holt Integrated Circuits HI-1575PQI Datasheet HTML 4Page - Holt Integrated Circuits HI-1575PQI Datasheet HTML 5Page - Holt Integrated Circuits HI-1575PQI Datasheet HTML 6Page - Holt Integrated Circuits HI-1575PQI Datasheet HTML 7Page - Holt Integrated Circuits HI-1575PQI Datasheet HTML 8Page - Holt Integrated Circuits HI-1575PQI Datasheet HTML 9Page - Holt Integrated Circuits HI-1575PQI Datasheet HTML 10Page - Holt Integrated Circuits HI-1575PQI Datasheet HTML 11Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HOLT INTEGRATED CIRCUITS
7
TIMING DIAGRAMS
FIGURE 8. MIL-STD-1553 BUS RECEIVER TIMING
BIT PERIOD
BIT PERIOD
BIT PERIOD
BUSA -
(BUSB -
)
BUSA
BUSB
t R1
t R2
t R3
ZERO
ONE
ONE
COMMAND SYNC
DATA SYNC
BUSA -
(BUSB -
)
BUSA
BUSB
BUSA -
(BUSB -
)
BUSA
BUSB
t R1
t R1
t R1
t R2
t R2
t R3
HI-1575
t
FH
MID-PARITY
1553
BUS
RCVA(B)
ERROR
STRB
DATA
WORD WITH ERROR
COMMAND
MID-PARITY
MID-SYNC
MID-SYNC
MID-PARITY
MID-SYNC
FIGURE 9. HI-1575 RECEIVER TIMING
(Read RXA)
(Read RXA)
(Read SAM)
VALID
Figure 10. DATABUS TIMING - WRITE.
t
RWS
t
RWH
t
CHWH
t
DWH
t
DWS
t
CHWS
t
RWWH
t
RWWS
REG
VALID
D15:0
SYNC
CHA/CHB
STRB
R/W
t
STR
REG
t
RRS
VALID
t
RRH
t
CHRH
t
DRT
t
DRV
t
CHRS
Figure 11. DATABUS TIMING - READ
D15:0
SYNC
CHA/CHB
STRB
R/W
t
RWRH
t
RWRS
t
STR
VALID
t
FH
t
FH
t
FR
t
FR
t
FR
t
RF
t
RF
t
RF


Similar Part No. - HI-1575PQI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1575 HOLTIC-HI-1575_11 Datasheet
107Kb / 13P
   MIL-STD-1553 3.3V Dual Transceivers with Integrated Encoder / Decoders
More results

Similar Description - HI-1575PQI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1575 HOLTIC-HI-1575_11 Datasheet
107Kb / 13P
   MIL-STD-1553 3.3V Dual Transceivers with Integrated Encoder / Decoders
logo
Zilog, Inc.
Z87010 ZILOG-Z87010 Datasheet
89Kb / 22P
   Audio Encoder/Decoders
logo
Holt Integrated Circuit...
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579A HOLTIC-HI-1579A Datasheet
69Kb / 9P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573_15 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579PCI HOLTIC-HI-1579PCI Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573 Datasheet
164Kb / 9P
   3.3V Monolithic Dual Transceivers
logo
Analog Devices
AD71028 AD-AD71028 Datasheet
427Kb / 20P
   Dual Digital BTSC Encoder with Integrated DAC
REV. 0
logo
Linear Technology
LTC2855 LINER-LTC2855_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2854 LINER-LTC2854 Datasheet
234Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com