Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-1574PSM Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-1574PSM
Description  3.3V Monolithic Dual Transceivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1574PSM Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-1574PSM Datasheet HTML 1Page - Holt Integrated Circuits HI-1574PSM Datasheet HTML 2Page - Holt Integrated Circuits HI-1574PSM Datasheet HTML 3Page - Holt Integrated Circuits HI-1574PSM Datasheet HTML 4Page - Holt Integrated Circuits HI-1574PSM Datasheet HTML 5Page - Holt Integrated Circuits HI-1574PSM Datasheet HTML 6Page - Holt Integrated Circuits HI-1574PSM Datasheet HTML 7Page - Holt Integrated Circuits HI-1574PSM Datasheet HTML 8Page - Holt Integrated Circuits HI-1574PSM Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HI-1573, HI-1574
MIL-STD-1553
3.3V Monolithic Dual Transceivers
DESCRIPTION
FEATURES
PIN CONFIGURATIONS
The HI-1573 and HI-1574 are low power CMOS dual
transceivers designed to meet the requirements of the
MIL-STD-1553 specification.
The transmitter section of each channel takes
complementary CMOS / TTL digital input data and
converts it to bi-phase Manchester encoded 1553 signals
suitable for driving the bus isolation transformer. Separate
transmitter inhibit control signals are provided for each
transmitter.
The receiver section of the each channel converts the 1553
bus bi-phase data to complementary CMOS / TTL data
suitable for inputting to a Manchester decoder. Each
receiver has a separate enable input which can be used to
force the output of the receiver to a logic "0" (HI-1573) or
logic 1 (HI-1574).
To minimize the package size for this function, the
transmitter outputs are internally connected to the receiver
inputs, so that only two pins are required for connection to
each coupling transformer. For designs requiring
independent access to transmitter and receiver 1553
signals, please contact your Holt Sales representative.
VDDA 1
BUSA 2
3
RXENA 4
GNDA 5
VDDB 6
BUSB 7
8
RXENB 9
GNDB 10
BUSA
BUSB
!
!
!
!
!
!
!
!
Compliant to MIL-STD-1553A & B,
ARINC 708A
3.3V single supply operation
Smallest footprint available in 20 pin plastic
ESOIC (thermally enhanced SOIC) package
Less than 0.5W maximum power dissipation
7 mm x 7 mm 44-pin plastic chip-scale
package
Available in DIP and small outline (ESOIC)
package options
Military processing options
Industry standard pin configurations
20 Pin Ceramic DIP package
20
19 TXA
18 TXINHA
17 RXA
16
15
14 TXB
13 TXINHB
12 RXB
11
TXA
RXA
TXB
RXB
20 Pin Plastic ESOIC - WB package
January 2007
(DS1573 Rev.I)
01/07
1573CDI
1573CDT
1573CDM
1574CDI
1574CDT
1574CDM
1573PSI
1573PST
1573PSM
1574PSI
1574PST
1574PSM
1
BUSA 2
3
RXENA 4
GNDA 5
VDDB 6
BUSB 7
8
RXENB 9
GNDB 10
VDDA
BUSA
BUSB
20
19 TXA
18 TXINHA
17 RXA
16
15
14 TXB
13 TXINHB
12 RXB
11
TXA
RXA
TXB
RXB
PIN CONFIGURATIONS
-1
RXENA 2
GNDA 3
GNDA 4
GNDA 5
VDDB 6
VDDB 7
BUSB 8
BUSB 9
10
11
BUSB
BUSB
33 -
32 -
31 TXINHA
30 RXA
29
28 -
27 -
26
25 TXB
24 TXINHB
23 -
RXA
TXB
1573PCI
1573PCT
1574PCI
1574PCT
44 Pin Plastic 7mm x 7mm
Chip-scale package
HOLT INTEGRATED CIRCUITS
www.holtic.com


Similar Part No. - HI-1574PSM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1574 HOLTIC-HI-1574 Datasheet
85Kb / 11P
   MIL-STD-1553 3.3V Monolithic Dual Transceivers
More results

Similar Description - HI-1574PSM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579A HOLTIC-HI-1579A Datasheet
69Kb / 9P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573_15 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579PCI HOLTIC-HI-1579PCI Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573_13 Datasheet
85Kb / 11P
   MIL-STD-1553 3.3V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 3.3V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567 Datasheet
216Kb / 7P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567 HOLTIC-HI-1567_16 Datasheet
83Kb / 11P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_09 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565 Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com