Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSTA06 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMSTA06
Description  NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMSTA06 Datasheet(HTML) 2 Page - Diodes Incorporated

  MMSTA06 Datasheet HTML 1Page - Diodes Incorporated MMSTA06 Datasheet HTML 2Page - Diodes Incorporated MMSTA06 Datasheet HTML 3Page - Diodes Incorporated MMSTA06 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30168 Rev. 8 - 2
2 of 4
MMSTA05/MMSTA06
www.diodes.com
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Collector-Base Breakdown Voltage
MMSTA05
MMSTA06
V(BR)CBO
60
80
¾
V
IC = 100
mA, IE = 0
Collector-Emitter Breakdown Voltage
MMSTA05
MMSTA06
V(BR)CEO
60
80
¾
V
IC = 1.0mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
4.0
¾
V
IE = 100
mA, IC = 0
Collector Cutoff Current
MMSTA05
MMSTA06
ICBO
¾
100
nA
VCB = 60V, IE = 0
VCB = 80V, IE = 0
Collector Cutoff Current
MMSTA05
MMSTA06
ICES
¾
100
nA
VCE = 60V, IBO = 0V
VCE = 80V, IBO = 0V
ON CHARACTERISTICS (Note 5)
DC Current Gain
hFE
100
¾¾
IC = 10mA, VCE = 1.0V
IC = 100mA, VCE = 1.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
¾
0.25
V
IC = 100mA, IB = 10mA
Base-Emitter Saturation Voltage
VBE(SAT)
¾
1.2
V
IC = 100mA, VCE = 1.0V
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
100
¾
MHz
VCE = 2.0V, IC = 10mA,
f = 100MHz
Ordering Information (Note 4 & 6)
Device
Packaging
Shipping
MMSTA05-7-F
SOT-323
3000/Tape & Reel
MMSTA06-7-F
SOT-323
3000/Tape & Reel
Notes:
4. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product
manufactured prior to Date Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
5. Short duration test pulse used to minimize self-heating effect.
6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
K1x
K1x = Product Type Marking Code, ex: K1H = MMSTA05
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
Date Code Key
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Year
1998
1999
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
Code
JK
L
M
N
P
R
ST
U
V
W


Similar Part No. - MMSTA06

ManufacturerPart #DatasheetDescription
logo
Rohm
MMSTA06 ROHM-MMSTA06 Datasheet
66Kb / 3P
   NPN General Purpose Transistor
logo
Diodes Incorporated
MMSTA06 DIODES-MMSTA06 Datasheet
38Kb / 1P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30168 Rev. B-1
MMSTA06 DIODES-MMSTA06 Datasheet
130Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
logo
Rohm
MMSTA06 ROHM-MMSTA06 Datasheet
98Kb / 4P
   NPN General Purpose Transistor
MMSTA06 ROHM-MMSTA06 Datasheet
78Kb / 4P
   NPN General Purpose Transistor
More results

Similar Description - MMSTA06

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3904 DIODES-MMBT3904 Datasheet
55Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30036 Rev. 11 - 2
MMBT4124 DIODES-MMBT4124 Datasheet
42Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30105 Rev. 5 - 2
MMBT5551 DIODES-MMBT5551_1 Datasheet
419Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 9 - 2
MMST3904 DIODES-MMST3904_1 Datasheet
441Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 10 - 2
MMSTA42 DIODES-MMSTA42_1 Datasheet
204Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30175 Rev. 9 - 2
logo
Transys Electronics
MMBT3904 TRSYS-MMBT3904 Datasheet
200Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
BC847BLP DIODES-BC847BLP Datasheet
99Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30525 Rev. 7 - 2
MMBT4124 DIODES-MMBT4124_15 Datasheet
79Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMST4401 DIODES-MMST4401_15 Datasheet
141Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC817-16 DIODES-BC817-16_09 Datasheet
113Kb / 4P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11107 Rev. 18 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com