Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1484 Datasheet(PDF) 2 Page - Microsemi Corporation

Part No. 2N1484
Description  NPN SILICON MEDIUM POWER TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

   
 2 page
background image
2N1483, 2N1484, 2N1485, 2N1486 JAN SERIES
ELECTRICAL CHARACTERISTICS (con”t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(3)
Forward-Current Transfer Ratio
IC = 750 mAdc, VCE = 4.0 Vdc
2N1483, 2N1484
2N1485, 2N1486
hFE
20
35
60
100
Collector-Emitter Saturation Voltage
IC = 750 mAdc, IB = 75 mAdc
2N1483, 2N1484
IC = 750 mAdc, IB = 40 mAdc
2N1485, 2N1486
VCE(sat)
1.20
0.75
Vdc
Base-Emitter Voltage
IC = 750 mAdc, VCE = 4.0 Vdc
VBE
2.0
Vdc
DYNAMIC CHARACTERISTICS
Forward Current Transfer Ratio
IC = 5.0 mAdc, VCB = 28 Vdc
f
hfb
600
kHz
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
400
pF
SWITCHING CHARACTERISTICS
Turn-On Time
VCC = 12 Vdc; RC = 15.9 Ω; IB0 = IB2 = 35 mAdc; IB1= 65 mAdc
ton + toff
25
µs
(3) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
2N1479NPN SILICON MEDIUM POWER TRANSISTOR 1 2 Microsemi Corporation
2SC5754NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION 0.4 W FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD M04 1 2 3 4 5 MoreNEC
2SC5752NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION 60 mW 4-PIN SUPER MINIMOLD 1 2 3 4 5 MoreNEC
BUV26_03MEDIUM POWER NPN SILICON TRANSISTOR 1 2 3 4 STMicroelectronics
BUV27_03MEDIUM POWER NPN SILICON TRANSISTOR 1 2 3 4 STMicroelectronics
NE678M04MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR 1 2 3 4 5 MoreCalifornia Eastern Labs
FXT555PNP SILICON PLANAR MEDIUM POWER TRANSISTOR 1 Zetex Semiconductors
2N3773High power NPN silicon transistor 1 2 3 4 5 MoreSTMicroelectronics
ZX5T869Z25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 1 2 3 4 5 MoreZetex Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl