Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1482 Datasheet(PDF) 1 Page - Microsemi Corporation

Part No. 2N1482
Description  NPN SILICON MEDIUM POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

   
 1 page
background image
TECHNICAL DATA
NPN SILICON MEDIUM POWER TRANSISTOR
Qualified per MIL-PRF-19500/207
Devices
Qualified Level
2N1479
2N1480
2N1481
2N1482
MAXIMUM RATINGS
Ratings
Symbol
2N1479
2N1481
2N1480
2N1482
Unit
Collector-Emitter Voltage
VCEO
40
55
Vdc
Collector-Base Voltage
VCBO
60
100
Vdc
Emitter-Base Voltage
VEBO
12
Vdc
Collector Current
IC
1.5
Adc
Base-Current
IB
1.0
Adc
Total Power Dissipation @ TA = 25
0C
PT
1.0
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
35
0C/W
TO-5*
*See Appendix A for
Package Outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 50 mAdc
2N1479, 2N1481
2N1480, 2N1482
V(BR)CEO
40
55
Vdc
Collector-Emitter Breakdown Voltage
VEB = 1.5 Vdc, IC = 0.25 mAdc
2N1479, 2N1481
VEB = 1.5 Vdc, IC = 0.25 mAdc
2N1480, 2N1482
V(BR)CEX
60
100
Vdc
Collector-Base Cutoff Current
VCB = 30 Vdc
2N1479, 2N1481
VCB = 50 Vdc
2N1480, 2N1482
ICBO
5.0
5.0
µAdc
Emitter-Base Cutoff Current
VEB = 12 Vdc
IEBO
10
µAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
2SC5754NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION 0.4 W FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD M04 1 2 3 4 5 MoreNEC
2SC5752NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION 60 mW 4-PIN SUPER MINIMOLD 1 2 3 4 5 MoreNEC
BUV26_03MEDIUM POWER NPN SILICON TRANSISTOR 1 2 3 4 STMicroelectronics
BUV27_03MEDIUM POWER NPN SILICON TRANSISTOR 1 2 3 4 STMicroelectronics
NE678M04MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR 1 2 3 4 5 MoreCalifornia Eastern Labs
FXT555PNP SILICON PLANAR MEDIUM POWER TRANSISTOR 1 Zetex Semiconductors
ZX5T869Z25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 1 2 3 4 5 MoreZetex Semiconductors
ZXTDCM832MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR 1 2 3 4 5 MoreZetex Semiconductors
2N6388_00SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 5 STMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl