Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA5022IP Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA5022IP
Description  Dual, 125MHz, Video Current Feedback Amplifier with Disable
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5022IP Datasheet(HTML) 5 Page - Intersil Corporation

  HA5022IP Datasheet HTML 1Page - Intersil Corporation HA5022IP Datasheet HTML 2Page - Intersil Corporation HA5022IP Datasheet HTML 3Page - Intersil Corporation HA5022IP Datasheet HTML 4Page - Intersil Corporation HA5022IP Datasheet HTML 5Page - Intersil Corporation HA5022IP Datasheet HTML 6Page - Intersil Corporation HA5022IP Datasheet HTML 7Page - Intersil Corporation HA5022IP Datasheet HTML 8Page - Intersil Corporation HA5022IP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
Test Circuits and Waveforms
FIGURE 1. TEST CIRCUIT FOR TRANSIMPEDANCE MEASUREMENTS
FIGURE 2. SMALL SIGNAL PULSE RESPONSE CIRCUIT
FIGURE 3. LARGE SIGNAL PULSE RESPONSE CIRCUIT
NOTE:
17. A series input resistor of
≥100Ω is recommended to limit input currents in case input signals are present before the HA5022 is powered up.
FIGURE 4. SMALL SIGNAL RESPONSE
FIGURE 5. LARGE SIGNAL RESPONSE
+
-
50
50
DUT
HP4195
NETWORK
ANALYZER
VIN
VOUT
RL
RF, 1kΩ
100
50
+
-
DUT
100
(NOTE 17)
VIN
VOUT
RL
RF, 681Ω
400
50
+
-
DUT
RI
681
100
(NOTE 17)
Vertical Scale: VIN = 100mV/Div., VOUT = 100mV/Div.
Horizontal Scale: 20ns/Div.
Vertical Scale: VIN = 1V/Div., VOUT = 1V/Div.
Horizontal Scale: 50ns/Div.
HA5022


Similar Part No. - HA5022IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5022IP INTERSIL-HA5022IP Datasheet
169Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 1999
logo
Renesas Technology Corp
HA5022IP RENESAS-HA5022IP Datasheet
865Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
More results

Similar Description - HA5022IP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
logo
Intersil Corporation
HA5022 INTERSIL-HA5022 Datasheet
169Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 1999
HA5024 INTERSIL-HA5024 Datasheet
177Kb / 16P
   Quad 125MHz Video Current Feedback Amplifier with Disable
September 1998
HA5024 INTERSIL-HA5024_06 Datasheet
415Kb / 16P
   Quad 125MHz Video Current Feedback Amplifier with Disable
HA5023IPZ INTERSIL-HA5023IPZ Datasheet
435Kb / 17P
   Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
   Dual 125MHz Video Current Feedback Amplifier
HA5023 INTERSIL-HA5023 Datasheet
136Kb / 14P
   Dual 125MHz Video Current Feedback Amplifier
September 1998
HA5023 INTERSIL-HA5023_06 Datasheet
360Kb / 16P
   Dual 125MHz Video Current Feedback Amplifier
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
   Quad, 125MHz Video Current Feedback Amplifier
September 1998
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
   Quad, 125MHz Video Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com