Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI7133CM44 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HI7133CM44
Description  3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI7133CM44 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HI7133CM44 Datasheet HTML 3Page - Intersil Corporation HI7133CM44 Datasheet HTML 4Page - Intersil Corporation HI7133CM44 Datasheet HTML 5Page - Intersil Corporation HI7133CM44 Datasheet HTML 6Page - Intersil Corporation HI7133CM44 Datasheet HTML 7Page - Intersil Corporation HI7133CM44 Datasheet HTML 8Page - Intersil Corporation HI7133CM44 Datasheet HTML 9Page - Intersil Corporation HI7133CM44 Datasheet HTML 10Page - Intersil Corporation HI7133CM44 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
Typical Integrator Amplifier Output Waveform (INT Pin)
INTEGRATOR
VOLTAGE SWING
AUTO-ZERO PHASE
100 COUNTS OR
990 - 2990 COUNTS
SIGNAL INTEGRATE
PHASE FIXED
1000 COUNTS
DEINTEGRATE PHASE
0 - 2000 COUNTS
ZERO INTEGRATE PHASE
10 COUNTS OR
900 COUNTS
4000 COUNTS: TOTAL OF EACH CONVERSION CYCLE
NOTE: 1 Count = 1 Clock Cycle = 4 Oscillator Cycles.
Pin Descriptions
PIN NUMBER
NAME
FUNCTION
DESCRIPTION
40 PIN DIP
44 PIN
FLATPACK
1
8
V+
Supply
Power Supply.
2
9
D1
Output
Driver Pin for Segment “D” of the display units digit.
3
10
C1
Output
Driver Pin for Segment “C” of the display units digit.
4
11
B1
Output
Driver Pin for Segment “B” of the display units digit.
5
12
A1
Output
Driver Pin for Segment “A” of the display units digit.
6
13
F1
Output
Driver Pin for Segment “F” of the display units digit.
7
14
G1
Output
Driver Pin for Segment “G” of the display units digit.
8
15
E1
Output
Driver Pin for Segment “E” of the display units digit.
9
16
D2
Output
Driver Pin for Segment “D” of the display tens digit.
10
17
C2
Output
Driver Pin for Segment “C” of the display tens digit.
11
18
B2
Output
Driver Pin for Segment “B” of the display tens digit.
12
19
A2
Output
Driver Pin for Segment “A” of the display tens digit.
13
20
F2
Output
Driver Pin for Segment “F” of the display tens digit.
14
21
E2
Output
Driver Pin for Segment “E” of the display tens digit.
15
22
D3
Output
Driver pin for segment “D” of the display hundreds digit.
16
23
B3
Output
Driver pin for segment “B” of the display hundreds digit.
17
24
F3
Output
Driver pin for segment “F” of the display hundreds digit.
18
25
E3
Output
Driver pin for segment “E” of the display hundreds digit.
19
26
AB4
Output
Driver pin for both “A” and “B” segments of the display thousands digit.
20
27
POL
Output
Driver pin for the negative sign of the display.
21
28
BP/GND
Output
Driver pin for the LCD backplane/Power Supply Ground.
22
29
G3
Output
Driver pin for segment “G” of the display hundreds digit.
23
30
A3
Output
Driver pin for segment “A” of the display hundreds digit.
HI7131, HI7133


Similar Part No. - HI7133CM44

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7133CM44 INTERSIL-HI7133CM44 Datasheet
209Kb / 21P
   3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
More results

Similar Description - HI7133CM44

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7131 INTERSIL-HI7131 Datasheet
209Kb / 21P
   3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
ICL7136 INTERSIL-ICL7136 Datasheet
497Kb / 15P
   3 1/2 Digit LCD/LED, Low Power Display, A/D Converters with Overrange Recovery
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
logo
Unisonic Technologies
M7206 UTC-M7206_15 Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
M7206 UTC-M7206 Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com