Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA1130IBZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # HFA1130IBZ-T
Description  850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1130IBZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HFA1130IBZ-T Datasheet HTML 4Page - Intersil Corporation HFA1130IBZ-T Datasheet HTML 5Page - Intersil Corporation HFA1130IBZ-T Datasheet HTML 6Page - Intersil Corporation HFA1130IBZ-T Datasheet HTML 7Page - Intersil Corporation HFA1130IBZ-T Datasheet HTML 8Page - Intersil Corporation HFA1130IBZ-T Datasheet HTML 9Page - Intersil Corporation HFA1130IBZ-T Datasheet HTML 10Page - Intersil Corporation HFA1130IBZ-T Datasheet HTML 11Page - Intersil Corporation HFA1130IBZ-T Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
FN3369.4
July 15, 2005
FIGURE 29. OUTPUT VOLTAGE vs TEMPERATURE
FIGURE 30. INPUT NOISE vs FREQUENCY
FIGURE 31. NON-LINEARITY NEAR CLAMP VOLTAGE
Typical Performance Curves VSUPPLY = ±5V, RF = 510Ω, TA = 25°C, RL = 100Ω, Unless Otherwise Specified (Continued)
TEMPERATURE (°C)
3.7
3.6
3.5
3.4
-60
20
3.3
3.2
3.1
3.0
-40
-20
0
40
60
80
100
2.9
2.8
2.7
2.6
2.5
120
| - VOUT |
+VOUT
(AV = -1, RL = 50Ω)
300
275
250
225
200
175
150
125
100
75
50
25
0
30
25
20
15
10
5
0
100
1K
10K
100K
FREQUENCY (Hz)
ENI
INI-
INI+
20
15
10
5
0
-5
-10
-15
-20
-3
-2
-1
0
1
2
3
AV VIN (V)
VL = -3V
VL = -1V
VL = -2V
VH = 3V
VH = 1V
VH = 2V
AV = -1, RL = 100Ω
HFA1130


Similar Part No. - HFA1130IBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1130IBZ-T INTERSIL-HFA1130IBZ-T Datasheet
381Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
April 25, 2013
logo
Renesas Technology Corp
HFA1130IBZ-T RENESAS-HFA1130IBZ-T Datasheet
710Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
More results

Similar Description - HFA1130IBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1130 RENESAS-HFA1130 Datasheet
710Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
HFA1130IBZ INTERSIL-HFA1130IBZ Datasheet
381Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
April 25, 2013
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Intersil Corporation
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
HFA1100 INTERSIL-HFA1100 Datasheet
134Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
May 1999
HFA1113 INTERSIL-HFA1113_05 Datasheet
490Kb / 16P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
HFA1113 INTERSIL-HFA1113 Datasheet
252Kb / 17P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
February 1999
logo
Renesas Technology Corp
HFA1113 RENESAS-HFA1113 Datasheet
955Kb / 16P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
July 11, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com