Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA1130IB Datasheet(PDF) 10 Page - Intersil Corporation

Part # HFA1130IB
Description  850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1130IB Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HFA1130IB Datasheet HTML 4Page - Intersil Corporation HFA1130IB Datasheet HTML 5Page - Intersil Corporation HFA1130IB Datasheet HTML 6Page - Intersil Corporation HFA1130IB Datasheet HTML 7Page - Intersil Corporation HFA1130IB Datasheet HTML 8Page - Intersil Corporation HFA1130IB Datasheet HTML 9Page - Intersil Corporation HFA1130IB Datasheet HTML 10Page - Intersil Corporation HFA1130IB Datasheet HTML 11Page - Intersil Corporation HFA1130IB Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN3369.4
July 15, 2005
FIGURE 23. OVERSHOOT vs INPUT RISE TIME
FIGURE 24. OVERSHOOT vs INPUT RISE TIME
FIGURE 25. OVERSHOOT vs FEEDBACK RESISTOR
FIGURE 26. SUPPLY CURRENT vs TEMPERATURE
FIGURE 27. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 28. VIO AND BIAS CURRENTS vs TEMPERATURE
Typical Performance Curves VSUPPLY = ±5V, RF = 510Ω, TA = 25°C, RL = 100Ω, Unless Otherwise Specified (Continued)
INPUT RISE TIME (ps)
38
36
34
32
30
100
500
28
26
24
22
200
300
400
600
700
800
900 1000
VOUT = 1VP-P
VOUT = 2VP-P
VOUT = 0.5VP-P
20
18
16
14
12
10
8
6
AV = +1
INPUT RISE TIME (ps)
35
30
25
20
15
100
500
10
5
0
200
300
400
600
700
800
900
1000
RF = 360Ω
VOUT = 2VP-P
RF = 510Ω
VOUT = 0.5VP-P
RF = 510Ω
VOUT = 1VP-P
RF = 360Ω
VOUT = 1VP-P
RF = 360Ω
VOUT = 0.5VP-P
RF = 510Ω
VOUT = 2VP-P
AV = +2
FEEDBACK RESISTOR (
Ω)
36
34
32
30
360
520
28
26
24
22
400
440
480
560
600
640
680
20
18
16
14
12
10
8
6
4
AV = +2, tR = 200ps, VOUT = 2VP-P
TEMPERATURE (°C)
25
24
23
22
21
-60
20
20
19
18
-40
-20
0
40
60
80
100
120
TOTAL SUPPLY VOLTAGE (V+ - V-, V)
22
17
15
13
11
59
9
7
5
67
8
10
21
20
19
6
8
10
12
14
16
18
TEMPERATURE (°C)
45
42
39
36
33
-60
20
30
27
24
-40 -20
0
40
60
80 100 120
21
18
15
12
9
6
3
0
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
+IBIAS
VIO
-IBIAS
HFA1130


Similar Part No. - HFA1130IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1130IB INTERSIL-HFA1130IB Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
HFA1130IBZ INTERSIL-HFA1130IBZ Datasheet
381Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
April 25, 2013
logo
Renesas Technology Corp
HFA1130IBZ RENESAS-HFA1130IBZ Datasheet
710Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1130IBZ-T INTERSIL-HFA1130IBZ-T Datasheet
381Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
April 25, 2013
logo
Renesas Technology Corp
HFA1130IBZ-T RENESAS-HFA1130IBZ-T Datasheet
710Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
More results

Similar Description - HFA1130IB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1130 RENESAS-HFA1130 Datasheet
710Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
HFA1130IBZ INTERSIL-HFA1130IBZ Datasheet
381Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
April 25, 2013
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Intersil Corporation
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
HFA1100 INTERSIL-HFA1100 Datasheet
134Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
May 1999
HFA1113 INTERSIL-HFA1113_05 Datasheet
490Kb / 16P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
HFA1113 INTERSIL-HFA1113 Datasheet
252Kb / 17P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
February 1999
logo
Renesas Technology Corp
HFA1113 RENESAS-HFA1113 Datasheet
955Kb / 16P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
July 11, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com