Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSP43216 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HSP43216
Description  Halfband Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP43216 Datasheet(HTML) 3 Page - Intersil Corporation

  HSP43216 Datasheet HTML 1Page - Intersil Corporation HSP43216 Datasheet HTML 2Page - Intersil Corporation HSP43216 Datasheet HTML 3Page - Intersil Corporation HSP43216 Datasheet HTML 4Page - Intersil Corporation HSP43216 Datasheet HTML 5Page - Intersil Corporation HSP43216 Datasheet HTML 6Page - Intersil Corporation HSP43216 Datasheet HTML 7Page - Intersil Corporation HSP43216 Datasheet HTML 8Page - Intersil Corporation HSP43216 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
FN3365.9
April 18, 2007
HSP43216
(84 LD PLCC)
TOP VIEW
SYNC
USB/LSB
INT/EXT
BIN0
BIN1
BIN2
BIN3
BIN4
BIN5
BIN6
BIN7
BIN8
BIN9
BIN10
BIN11
BIN12
BIN13
BIN14
BIN15
RND0
RND1
VCC
FMT
OEA
GND
AOUT15
AOUT14
AOUT13
AOUT12
AOUT11
AOUT10
AOUT9
AOUT8
AOUT7
AOUT6
AOUT5
AOUT4
AOUT3
AOUT2
AOUT1
AOUT0
GND
1110 9 8 7 6 5 4 3 2 1 84 83828180 79787776 75
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
Pin Description
NAME
TYPE
DESCRIPTION
VCC
-
+5V Power.
GND
-
Ground.
CLK
I
Clock Input. (CMOS LEVEL). fS is the frequency of CLK
AIN0-15
I
Input Data Bus A. AIN0 is the LSB. Input data format is 16-bit Two’s Complement.
BIN0-15
I
Input Data Bus B. BIN0 is the LSB. Input data format is 16-bit Two’s Complement.
MODE0-1
I
The Mode Select Inputs set one of four operational modes as highlighted in Table 1.
INT/EXT
I
The Internal\External multiplexer select inputs set whether the data multiplex/demultiplex function required in the various
operational modes is performed internally (High State) or externally to the chip (Low State).
SYNC
I
This input is used to synchronize the input sample stream with the zero degree phase of the up or down convert Local
Oscillators. In the straight decimate modes, this input can be use to synchronize the input sample stream with a particular
phase of the halfband filter. (See the Operational Modes Section for additional information).
USB/LSB
I
The Upper and Lower Sideband select line is used to specify the direction of frequency translation imparted on the data
stream in the Down Convert and Decimate Mode and in the Quadrature to Real Convert Mode. (See Operational Modes
Section for additional information).
RND0-2
I
The Round Select inputs set the number of output bits from eight (RND = 000) to sixteen (RND = 110). Least significant
output bits are zeroed. See Table 4.
OEA
I
Three-State Control Output Bus A, OUTA0-15. Active Low.
OEB
I
Three-State Control Output Bus B, OUTB0-15. Active Low.
FMT
I
The Format select input is used to convert the two’s complement output to offset binary (unsigned). When asserted high,
the AOUT15 and BOUT15-bits are inverted from the normal two’s complement representation.
AOUT0-15
O
Output Bus A. AOUT0 is the LSB.
BOUT0-15
O
Output Bus B. BOUT0 is the LSB.
Pinouts (Continued)
HSP43216


Similar Part No. - HSP43216

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43216 INTERSIL-HSP43216 Datasheet
144Kb / 19P
   Halfband Filter
HSP43216 INTERSIL-HSP43216 Datasheet
434Kb / 20P
   Halfband Filter
logo
Renesas Technology Corp
HSP43216 RENESAS-HSP43216 Datasheet
575Kb / 20P
   Halfband Filter
Oct 6, 2008
logo
Intersil Corporation
HSP43216GC-52 INTERSIL-HSP43216GC-52 Datasheet
144Kb / 19P
   Halfband Filter
HSP43216JC-52 INTERSIL-HSP43216JC-52 Datasheet
144Kb / 19P
   Halfband Filter
More results

Similar Description - HSP43216

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSP43216 RENESAS-HSP43216 Datasheet
575Kb / 20P
   Halfband Filter
Oct 6, 2008
logo
Intersil Corporation
HSP43216 INTERSIL-HSP43216_08 Datasheet
434Kb / 20P
   Halfband Filter
HSP43216 INTERSIL-HSP43216 Datasheet
144Kb / 19P
   Halfband Filter
logo
TDK Electronics
B39182B9521P810 TDK-B39182B9521P810 Datasheet
309Kb / 12P
   SAW filter 2in1 filter
logo
API Technologies Corp
1289-001 APITECH-1289-001 Datasheet
43Kb / 1P
   FILTER
logo
Wurth Elektronik GmbH &...
750314978 WURTH-750314978 Datasheet
133Kb / 1P
   FILTER
750314980 WURTH-750314980 Datasheet
133Kb / 1P
   FILTER
logo
Merrimac Industries, In...
FBGC-2.75G MERRIMAC-FBGC-2.75G Datasheet
97Kb / 2P
   FILTER
FBGE-3.0G MERRIMAC-FBGE-3.0G Datasheet
204Kb / 2P
   FILTER
FBGE-10.57 MERRIMAC-FBGE-10.57 Datasheet
74Kb / 2P
   FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com