Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG412DVZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # DG412DVZ
Description  Monolithic Quad SPST, CMOS Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG412DVZ Datasheet(HTML) 2 Page - Intersil Corporation

  DG412DVZ Datasheet HTML 1Page - Intersil Corporation DG412DVZ Datasheet HTML 2Page - Intersil Corporation DG412DVZ Datasheet HTML 3Page - Intersil Corporation DG412DVZ Datasheet HTML 4Page - Intersil Corporation DG412DVZ Datasheet HTML 5Page - Intersil Corporation DG412DVZ Datasheet HTML 6Page - Intersil Corporation DG412DVZ Datasheet HTML 7Page - Intersil Corporation DG412DVZ Datasheet HTML 8Page - Intersil Corporation DG412DVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN3282.12
November 27, 2006
Pinout
DG411, DG412, DG413
(16 LD PDIP, SOIC, TSSOP)
TOP VIEW
Ordering Information
PART NUMBER
PART MARKING
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. #
DG411DJ
DG411DJ
-40 to +85
16 Ld PDIP
E16.3
DG411DJZ (Note)
DG411DJZ
-40 to +85
16 Ld PDIP** (Pb-free)
E16.3
DG411DY*
DG411DY
-40 to +85
16 Ld SOIC
M16.15
DG411DYZ* (Note)
DG411DYZ
-40 to +85
16 Ld SOIC (Pb-free)
M16.15
DG411DVZ* (Note)
DG411 DVZ
-40 to +85
16 Ld TSSOP (Pb-free)
M16.173
DG412DJ
DG412DJ
-40 to +85
16 Ld PDIP
E16.3
DG412DJZ (Note)
DG412DJZ
-40 to +85
16 Ld PDIP** (Pb-free)
E16.3
DG412DY*
DG412DY
-40 to +85
16 Ld SOIC
M16.15
DG412DYZ* (Note)
DG412DYZ
-40 to +85
16 Ld SOIC (Pb-free)
M16.15
DG412DVZ* (Note)
DG412 DVZ
-40 to +85
16 Ld TSSOP (Pb-free)
M16.173
DG413DJ
DG413DJ
-40 to +85
16 Ld PDIP
E16.3
DG413DJZ (Note)
DG413DJZ
-40 to +85
16 Ld PDIP** (Pb-free)
E16.3
DG413DY*
DG413DY
-40 to +85
16 Ld SOIC
M16.15
DG413DYZ* (Note)
DG413DYZ
-40 to +85
16 Ld SOIC (Pb-free)
M16.15
DG413DVZ* (Note)
DG413 DVZ
-40 to +85
16 Ld TSSOP (Pb-free)
M16.173
*Add “-T” suffix for tape and reel.
**Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing
applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
TRUTH TABLE
LOGIC
DG411
DG412
DG413
SWITCH
SWITCH
SWITCH
1, 4
SWITCH
2, 3
0On
Off
Off
On
1
Off
On
On
Off
NOTE: Logic “0”
≤0.8V. Logic “1” ≥2.4V.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IN1
D1
S1
V-
GND
S4
IN4
D4
IN2
S2
V+
VL
S3
D3
IN3
D2
Pin Descriptions
PIN
SYMBOL
DESCRIPTION
1IN1
Logic Control for Switch 1.
2D1
Drain (Output) Terminal for Switch 1.
3S1
Source (Input) Terminal for Switch 1.
4
V-
Negative Power Supply Terminal.
5
GND
Ground Terminal (Logic Common).
6S4
Source (Input) Terminal for Switch 4.
7D4
Drain (Output) Terminal for Switch 4.
8IN4
Logic Control for Switch 4.
9IN3
Logic Control for Switch 3.
10
D3
Drain (Output) Terminal for Switch 3.
11
S3
Source (Input) Terminal for Switch 3.
12
VL
Logic Reference Voltage.
13
V+
Positive Power Supply Terminal (Substrate).
14
S2
Source (Input) Terminal for Switch 2.
15
D2
Drain (Output) Terminal for Switch 2.
16
IN2
Logic Control for Switch 2.
DG411, DG412, DG413


Similar Part No. - DG412DVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG412DVZ INTERSIL-DG412DVZ Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG412DVZ INTERSIL-DG412DVZ Datasheet
359Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
More results

Similar Description - DG412DVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
logo
Intersil Corporation
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
DG308A VISHAY-DG308A_V01 Datasheet
214Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com