Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG403DVZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # DG403DVZ
Description  Monolithic CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG403DVZ Datasheet(HTML) 4 Page - Intersil Corporation

  DG403DVZ Datasheet HTML 1Page - Intersil Corporation DG403DVZ Datasheet HTML 2Page - Intersil Corporation DG403DVZ Datasheet HTML 3Page - Intersil Corporation DG403DVZ Datasheet HTML 4Page - Intersil Corporation DG403DVZ Datasheet HTML 5Page - Intersil Corporation DG403DVZ Datasheet HTML 6Page - Intersil Corporation DG403DVZ Datasheet HTML 7Page - Intersil Corporation DG403DVZ Datasheet HTML 8Page - Intersil Corporation DG403DVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN3284.11
November 20, 2006
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 16.5V, V- = -16.5V,
VIN = 0V or 5V
+25
-
0.01
1
μA
Full
-
-
5
μA
Negative Supply Current, I-
+25
-1
-0.01
-
μA
Full
-5
-
-
μA
Logic Supply Current, IL
+25
-
0.01
1
μA
Full
-
-
5
μA
Ground Current, IGND
+25
-1
-0.01
-
μA
Full
-5
-
-
μA
NOTES:
3. VIN = input voltage to perform proper function.
4. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
5. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
Electrical Specifications Test Conditions: V+ = +15V, V- = -15V, V
IN = 2.4V, 0.8V (Note 3), VL = 5V,
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 4)
MIN
(NOTE 5)
TYP
(NOTE 4)
MAX
UNITS
Test Circuits and Waveforms
NOTES:
6. Logic input waveform is inverted for switches that have the
opposite logic sense.
7. VS = 10V for tON, VS = -10V for tOFF.
FIGURE 1A. MEASUREMENT POINTS
Repeat test for IN2 and S2.
For load conditions, see Specifications. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
50%
tr < 20ns
tf < 20ns
tOFF
90%
3V
0V
VS
0V
tON
VO
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
-VS
SWITCH
INPUT
10%
(NOTE 7)
V
O
V
S
R
L
R
L
r
DS ON
()
+
------------------------------------
=
SWITCH
INPUT
LOGIC
INPUT
S1
IN1
V+
D1
RL
CL
VO
GND
V-
VL
0V
-15V
5V
+15V
RL = 300Ω
CL = 35pF


Similar Part No. - DG403DVZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DG403DVZ RENESAS-DG403DVZ Datasheet
426Kb / 12P
   Monolithic CMOS Analog Switches
Nov 20, 2006
More results

Similar Description - DG403DVZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DG401 RENESAS-DG401 Datasheet
426Kb / 12P
   Monolithic CMOS Analog Switches
Nov 20, 2006
logo
Intersil Corporation
DG403DYZ-T INTERSIL-DG403DYZ-T Datasheet
292Kb / 12P
   Monolithic CMOS Analog Switches
DG401 INTERSIL-DG401 Datasheet
93Kb / 9P
   Monolithic CMOS Analog Switches
June 1999
DG401883 INTERSIL-DG401883 Datasheet
291Kb / 12P
   Monolithic CMOS Analog Switches
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com