Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG408DY Datasheet(PDF) 9 Page - Intersil Corporation

Part # DG408DY
Description  Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG408DY Datasheet(HTML) 9 Page - Intersil Corporation

Back Button DG408DY Datasheet HTML 5Page - Intersil Corporation DG408DY Datasheet HTML 6Page - Intersil Corporation DG408DY Datasheet HTML 7Page - Intersil Corporation DG408DY Datasheet HTML 8Page - Intersil Corporation DG408DY Datasheet HTML 9Page - Intersil Corporation DG408DY Datasheet HTML 10Page - Intersil Corporation DG408DY Datasheet HTML 11Page - Intersil Corporation DG408DY Datasheet HTML 12Page - Intersil Corporation DG408DY Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
FN3283.8
June 13, 2006
Typical Performance Curves
FIGURE 10. INPUT LOGIC CURRENT vs LOGIC INPUT
VOLTAGE
FIGURE 11. SOURCE/DRAIN CAPACITANCE vs ANALOG
VOLTAGE (SINGLE 12V SUPPLY)
FIGURE 12. SOURCE/DRAIN CAPACITANCE vs ANALOG
VOLTAGE
FIGURE 13. LOGIC INPUT CURRENT vs TEMPERATURE
FIGURE 14. DRAIN LEAKAGE CURRENT vs SOURCE/DRAIN
VOLTAGE (SINGLE 12V SUPPLY)
FIGURE 15. DRAIN LEAKAGE CURRENT vs SOURCE/DRAIN
VOLTAGE
V+ = +15V
3.5
3.0
2.0
1.0
0.5pA
0.0
-1.0
0
5
10
15
VIN (V)
V- = -15V
CD(ON)
CD(OFF)
CS(OFF)
75
50
25
0
04
8
12
VA (V)
V+ = +15V
V- = -15V
CD(ON)
CD(OFF)
CS(OFF)
80
60
40
20
0
-15
0
15
VA (V)
VSUPPLY = ±15V
VIN = 0V
0
-200
-400
-600
-800
-55
5
45
85
125
TEMPERATURE (°C)
DG408 ID(OFF)
DG409 ID(OFF)
DG409 ID(ON)
DG408 ID(ON)
VS = 0V FOR ID(OFF)
VS = VD FOR ID(ON)
60
40
20
0
-20
-40
-60
0
2
468
10
12
VD (V)
V+ = 15V
V- = -15V
VS = -VD FOR ID(OFF)
VD = VS(OPEN) FOR ID(ON)
100
60
20
-20
-60
-100
-140
-15
0
15
VS, VD (V)
DG409 ID(OFF)
DG408 ID(ON), ID(OFF)
DG409 ID(ON)
DG408, DG409


Similar Part No. - DG408DY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG408DY INTERSIL-DG408DY Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
logo
Maxim Integrated Produc...
DG408DY MAXIM-DG408DY Datasheet
374Kb / 12P
   iMPROVED, 8-cHANNEL/dUAL 4-cHANNEL, cmos aNALOG mULTIPLEXERS
19-4729; Rev 3; 6/99
logo
Vishay Siliconix
DG408DY VISHAY-DG408DY Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
logo
Maxim Integrated Produc...
DG408DY MAXIM-DG408DY Datasheet
152Kb / 12P
   Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers
Rev 4; 9/08
logo
Vishay Siliconix
DG408DY VISHAY-DG408DY Datasheet
241Kb / 18P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 16-May-11
More results

Similar Description - DG408DY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG408 RENESAS-DG408 Datasheet
658Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Jun 13, 2006
logo
Texas Instruments
MPC508A TI1-MPC508A Datasheet
982Kb / 19P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
HI-509A TI-HI-509A Datasheet
1Mb / 10P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_07 Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A BURR-BROWN-MPC508A Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A BURR-BROWN-MPC508A_08 Datasheet
521Kb / 17P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com