Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG409 Datasheet(PDF) 10 Page - Intersil Corporation

Part # DG409
Description  Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG409 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button DG409 Datasheet HTML 6Page - Intersil Corporation DG409 Datasheet HTML 7Page - Intersil Corporation DG409 Datasheet HTML 8Page - Intersil Corporation DG409 Datasheet HTML 9Page - Intersil Corporation DG409 Datasheet HTML 10Page - Intersil Corporation DG409 Datasheet HTML 11Page - Intersil Corporation DG409 Datasheet HTML 12Page - Intersil Corporation DG409 Datasheet HTML 13Page - Intersil Corporation DG409 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
FN3283.8
June 13, 2006
FIGURE 16. SOURCE LEAKAGE CURRENT vs SOURCE
VOLTAGE
FIGURE 17. INPUT SWITCHING THRESHOLD vs SUPPLY
VOLTAGE
FIGURE 18. NEGATIVE SUPPLY CURRENT vs SWITCHING
FREQUENCY
FIGURE 19. POSITIVE SUPPLY CURRENT vs SWITCHING
FREQUENCY
FIGURE 20. ISUPPLY vs TEMPERATURE
FIGURE 21. NEGATIVE SUPPLY CURRENT vs TEMPERATURE
Typical Performance Curves (Continued)
VS (V)
20
15
10
5
0
-5
-10
-15
0
15
V+ = +12V
V- = 0V
V+ = +15V
V- = -15V
2.0
1.5
1.0
0.5
0.0
4
8
12
16
20
VSUPPLY (±V)
VSUPPLY = ±15V
EN = 2.4V
EN = 0V
105
104
103
102
10
1
0.1
100
1K
10K
100K
1M
10M
SWITCHING FREQUENCY (Hz)
VSUPPLY = ±15V
EN = 2.4V
EN = 0V
104
103
102
10
1
0.1
0.01
100
1k
10k
100k
1M
10M
SWITCHING FREQUENCY (Hz)
VSUPPLY = ±15V
I+
-(I-)
105
104
103
102
10
1
0.1
-55
5
45
85
125
TEMPERATURE (°C)
0.01
V+ = 15V
V- = -15V
VIN = 0V
VEN = 0V
0
-200
-400
-600
-800
-55
5
125
TEMPERATURE (°C)
45
85
DG408, DG409


Similar Part No. - DG409

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG409 INTERSIL-DG409 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
logo
Vishay Siliconix
DG409 VISHAY-DG409 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
logo
Maxim Integrated Produc...
DG409 MAXIM-DG409 Datasheet
152Kb / 12P
   Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers
Rev 4; 9/08
logo
Vishay Siliconix
DG409 VISHAY-DG409 Datasheet
148Kb / 13P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 05-Jul-10
DG409 VISHAY-DG409 Datasheet
241Kb / 18P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 16-May-11
More results

Similar Description - DG409

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG408 RENESAS-DG408 Datasheet
658Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Jun 13, 2006
logo
Texas Instruments
MPC508A TI1-MPC508A Datasheet
982Kb / 19P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
HI-509A TI-HI-509A Datasheet
1Mb / 10P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_07 Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A BURR-BROWN-MPC508A Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A BURR-BROWN-MPC508A_08 Datasheet
521Kb / 17P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com