Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9675501VXC Datasheet(PDF) 3 Page - Intersil Corporation

Part # 5962R9675501VXC
Description  Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R9675501VXC Datasheet(HTML) 3 Page - Intersil Corporation

  5962R9675501VXC Datasheet HTML 1Page - Intersil Corporation 5962R9675501VXC Datasheet HTML 2Page - Intersil Corporation 5962R9675501VXC Datasheet HTML 3Page - Intersil Corporation 5962R9675501VXC Datasheet HTML 4Page - Intersil Corporation 5962R9675501VXC Datasheet HTML 5Page - Intersil Corporation 5962R9675501VXC Datasheet HTML 6Page - Intersil Corporation 5962R9675501VXC Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Burn-In Bias Circuit
NOTES:
D1 = D2 = D3 = IN4002 or Equivalent
F0 to F11:
VIH = 5.0V
±0.5V
VIL = 0.0V
±0.5V
F0 = 100kHz
±10% (50% Duty Cycle)
F1 = F0/2
F7 = F0/128
F2 = F0/4
F8 = F0/256
F3 = F0/8
F9 = F0/512
F4 = F0/16
F10 = F0/1024
F5 = F0/32
F11 = F0/2048
F6 = F0/64
Radiation Bias Circuit
NOTE: Power Supply Levels are 0.5V
Definitions of Specifications
Digital Inputs
The HS-565ARH accepts digital input codes in binary format
and may be user connected for any one of three binary
codes. Straight binary, Two’s Complement (see note below),
or Offset Binary, (See Operating Instructions).
Accuracy
Nonlinearity - Nonlinearity of a D/A converter is an
important measure of its accuracy. It describes the deviation
from an ideal straight line transfer curve drawn between zero
(all bits OFF) and full scale (all bits ON).
Differential Nonlinearity - For a D/A converter, it is the
difference between the actual output voltage change and the
ideal (1 LSB) voltage change for a one bit change in code. A
Differential Nonlinearity of
±1 LSB or less guarantees
monotonicity; i.e., the output always increases and never
decreases for an increasing input.
Settling Time
Settling time is the time required for the output to settle to
within the specified error band for any input code transition.
It is usually specified for a full scale or major carry transition,
settling to within 0.50 LSB of final value.
Drift
Gain Drift - The change in full scale analog output over the
specified temperature range expressed in parts per million of
full scale range per oC (ppm of FSR/oC). Gain error is
measured with respect to 25oC at high (TH) and low (TL)
temperatures. Gain drift is calculated for both high (TH -
25oC) and low ranges (25oC - TL) by dividing the gain error by
the respective change in temperature. The specification is the
larger of the two representing worst case drift.
Offset Drift - The change in analog output with all bits OFF
over the specified temperature range expressed in parts per
million of full scale range per oC (ppm of FSR/oC). Offset
error is measured with respect to 25oC at high (TH) and low
(TL) temperatures. Offset drift is calculated for both high (TH
- 25oC) and low (25oC - TL) ranges by dividing the offset
error by the respective change in temperature. The
C3
D3
+10V
1
4
5
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
2
3
6
7
NC
C1
D1
+15V
C2
D2
-15V
F0
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
F11
NC
VCC
REF GND
REF OUT
REF IN
-VEE
BIP OFF
OUT
10V SPAN
20V SPAN
PWR GND
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
BIT 10
BIT 11
BIT 12
+15V
1
4
5
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
2
3
6
7
NC
NC
VCC
REF GND
REF OUT
REF IN
-VEE
BIP OFF
OUT
10V SPAN
20V SPAN
PWR GND
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
BIT 10
BIT 11
BIT 12
-15V
+10V
+5V
DIGITAL
INPUT
ANALOG OUTPUT
STRAIGHT
BINARY
OFFSET
BINARY
(NOTE)
TWO’S
COMPLEMENT
MSB...LSB
000 ... 000
Zero
-FS (Full Scale)
Zero
100 ... 000
0.50 FS
Zero
-FS
111 ... 111
+FS - 1LSB
+FS - 1LSB
Zero - 1LSB
011 ... 111
0.50 FS - 1LSB
Zero - 1LSB
+FS - 1LSB
NOTE: Invert MSB with external inverter to obtain Two’s
Complement Coding
HS-565ARH


Similar Part No. - 5962R9675501VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962R9675501VXC INTERSIL-5962R9675501VXC Datasheet
360Kb / 10P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
More results

Similar Description - 5962R9675501VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-565BRH INTERSIL-HS-565BRH_12 Datasheet
432Kb / 9P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH-T INTERSIL-HS-565ARH-T Datasheet
85Kb / 6P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH INTERSIL-HS-565ARH Datasheet
360Kb / 10P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565BRH INTERSIL-HS-565BRH Datasheet
169Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Analog Devices
ADC1109 AD-ADC1109_15 Datasheet
1Mb / 4P
   HIGH SPEED ANALOG TO DIGITAL CONVERTER
ADC1102 AD-ADC1102_15 Datasheet
1Mb / 4P
   High Speed Analog to Digital Converter
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
logo
Renesas Technology Corp
ISL71710SLHM RENESAS-ISL71710SLHM Datasheet
657Kb / 17P
   Radiation Hardened Active-Input High Speed Digital Isolator
Jul 26, 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com