Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5812JIBZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # HI5812JIBZ
Description  CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5812JIBZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HI5812JIBZ Datasheet HTML 5Page - Intersil Corporation HI5812JIBZ Datasheet HTML 6Page - Intersil Corporation HI5812JIBZ Datasheet HTML 7Page - Intersil Corporation HI5812JIBZ Datasheet HTML 8Page - Intersil Corporation HI5812JIBZ Datasheet HTML 9Page - Intersil Corporation HI5812JIBZ Datasheet HTML 10Page - Intersil Corporation HI5812JIBZ Datasheet HTML 11Page - Intersil Corporation HI5812JIBZ Datasheet HTML 12Page - Intersil Corporation HI5812JIBZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FIGURE 12. SUPPLY CURRENT vs TEMPERATURE
FIGURE 13. FFT SPECTRUM
FIGURE 14. INTERNAL CLOCK FREQUENCY vs TEMPERATURE
FIGURE 15. EFFECTIVE BITS vs INPUT FREQUENCY
FIGURE 16. TOTAL HARMONIC DISTORTION vs INPUT
FREQUENCY
FIGURE 17. SIGNAL NOISE RATIO vs INPUT FREQUENCY
Typical Performance Curves (Continued)
-60
-40
-20
0
20
40
60
80
100
120
140
8
6
3
0
TEMPERATURE (oC)
7
5
4
2
1
VDD = VAA+ = 5V, VREF+ = 4.608V
INTERNAL CLOCK
0
500
1000
1500
0.0
-20.0
-30.0
-40.0
-50.0
-60.0
-70.0
-80.0
-90.0
-100.0
-110.0
-120.0
-130.0
FREQUENCY BINS
-10.0
2000
INPUT FREQUENCY = 1kHz
SAMPLING RATE = 50kHz
SNR = 72.1dB
THD = -79.1dBc
PEAK NOISE = -80.9dB
SFDR = -80.9dB
SINAD = 71.4dB
EFFECTIVE BITS = 11.5
-140.0
-60
-40
-20
0
20
40
60
80
100
120
140
500
400
250
TEMPERATURE (oC)
450
350
300
200
150
VDD = VAA+ = 5V, VREF+ = 4.608V
INPUT FREQUENCY (kHz)
0.1
1
10
100
12
7
8
B
A. CLK = INTERNAL
B. CLK = 750kHz
C. CLK = 1MHz
VDD = VAA+ = 5V
VREF+ = 4.608V
TA = 25
oC
11
9
10
A
C
INPUT FREQUENCY (kHz)
0.1
1
10
100
-80
-50
-70
-60
B
C
A. CLK =INTERNAL
B. CLK = 750kHz
C. CLK = 1MHz
VDD = VAA+ = 5V
VREF+ = 4.608V
TA = 25
oC
A
INPUT FREQUENCY (kHz)
0.1
1
10
100
A. CLK = INTERNAL
B. CLK = 750kHz
C. CLK = 1MHz
VDD = VAA+ = 5V
VREF+ = 4.608V
TA = 25
oC
75
50
55
70
60
65
A
C
B
HI5812


Similar Part No. - HI5812JIBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5812JIBZ RENESAS-HI5812JIBZ Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
More results

Similar Description - HI5812JIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5812 INTERSIL-HI5812 Datasheet
427Kb / 13P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812 RENESAS-HI5812 Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Intersil Corporation
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5810 INTERSIL-HI5810_01 Datasheet
762Kb / 13P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813 INTERSIL-HI5813 Datasheet
153Kb / 11P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813 INTERSIL-HI5813_01 Datasheet
476Kb / 12P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Maxim Integrated Produc...
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
   CMOS 12-Bit A/D Converters With Track-and-Hold
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310 INTERSIL-CA3310 Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
logo
Maxim Integrated Produc...
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com