Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QZX363C15 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # QZX363C15
Description  QUAD SURFACE MOUNT ZENER DIODE ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

QZX363C15 Datasheet(HTML) 2 Page - Diodes Incorporated

  QZX363C15 Datasheet HTML 1Page - Diodes Incorporated QZX363C15 Datasheet HTML 2Page - Diodes Incorporated QZX363C15 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30143 Rev. 10 - 2
2 of 3
QZX363C5V6 - QZX363C20
www.diodes.com
0
10
20
30
40
50
01
2
3
4
5
6
7
89
10
V , ZENER VOLTAGE (V)
Fig. 2 Zener Breakdown Characteristics
Z
T= 25°C
j
C5V6
C6V8
Test Current I
5.0mA
Z
200
T , AMBIENT TEMPERATURE, °C
Fig. 1. Power Derating Curve
A
See Note 3
100
50
150
0
250
0
100
200
0
10
20
30
0
V , ZENER VOLTAGE (V)
Fig. 3, Zener Breakdown Characteristics
Z
10
20
30
40
T = 25°C
j
Test current I
5mA
Z
C12
C15
C20
10
100
1000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Fig. 4 Junction Capacitance vs Nominal Zener Voltage
Z
T= 25 °C
j
V= 1V
R
V= 2V
R
V= 1V
R
V= 2V
R


Similar Part No. - QZX363C15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
QZX363C15 DIODES-QZX363C15 Datasheet
60Kb / 3P
   QUAD SURFACE MOUNT DIODE ARRAY
DS30143 Rev. 6 - 2
QZX363C15 DIODES-QZX363C15 Datasheet
132Kb / 4P
   QUAD SURFACE MOUNT ZENER DIODE ARRAY
Rev. 13 - 2 June 2008
More results

Similar Description - QZX363C15

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
FQZX363C5V6 JIANGSU-FQZX363C5V6 Datasheet
216Kb / 4P
   QUAD SURFACE MOUNT ZENER DIODE ARRAY
logo
Diodes Incorporated
QZX363C5V6 DIODES-QZX363C5V6_08 Datasheet
132Kb / 4P
   QUAD SURFACE MOUNT ZENER DIODE ARRAY
Rev. 13 - 2 June 2008
QZX363C5V6 DIODES-QZX363C5V6 Datasheet
60Kb / 3P
   QUAD SURFACE MOUNT DIODE ARRAY
DS30143 Rev. 6 - 2
logo
Central Semiconductor C...
CMXTVS5V6 CENTRAL-CMXTVS5V6 Datasheet
416Kb / 3P
   SURFACE MOUNT SILICON QUAD TVS/ZENER ARRAY
logo
Diodes Incorporated
MMBZ5221BTS DIODES-MMBZ5221BTS Datasheet
62Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 4 - 2
BZX84C2V4TS DIODES-BZX84C2V4TS_15 Datasheet
165Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
BZX84C2V4TS DIODES-BZX84C2V4TS_1 Datasheet
158Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30187 Rev. 9 - 2
BZX84C2V4TS DIODES-BZX84C2V4TS_08 Datasheet
165Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 11 - 2 May 2008
MMBZ5221BTS DIODES-MMBZ5221BTS_15 Datasheet
184Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
MMBZ5221BTS DIODES-MMBZ5221BTS_08 Datasheet
149Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 12 - 2 June 2008
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com