Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C15S-7-F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BZX84C15S-7-F
Description  DUAL 200mW SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84C15S-7-F Datasheet(HTML) 1 Page - Diodes Incorporated

  BZX84C15S-7-F Datasheet HTML 1Page - Diodes Incorporated BZX84C15S-7-F Datasheet HTML 2Page - Diodes Incorporated BZX84C15S-7-F Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free
BZX84C2V4S - BZX84C39S
DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 13 - 2
1 of 3
BZX84C2V4S - BZX84C39S
www.diodes.com
ã Diodes Incorporated
Features
·
Planar Die Construction
·
200mW Power Dissipation
·
Zener Voltages from 2.4V - 39V
·
Ultra-Small Surface Mount Package
·
Lead Free/RoHS Compliant (Note 5)
·
Case: SOT-363
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe).
·
Polarity: See Diagram
·
Marking: See Table page 2
·
Weight: 0.006 grams (approximate)
Mechanical Data
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
625
°
C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°
C
Maximum Ratings @ TA = 25°C unless otherwise specified
A
M
J
L
D
B C
H
K
G
F
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
All Dimensions in mm
* Add “-7-F” to the appropriate type number in Table 1 from Sheet 2 example: 6.2V Zener = BZX84C6V2S-7-F.
Notes:
1. Mounted on FR4 PC Board with recommended pad layout which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.
3. f = 1KHz.
4. For Packaging Details, got to our website at http://www.diodes.com/datasheets/ap02007.pdf.
5. No purposefully added lead.
Device
Packaging
Shipping
(Type Number)-7-F
SOT-363
3000/Tape & Reel
(Note 4)
Ordering Information
NC
C
1
A
1
A
2
C
2
NC
SPICE MODELS: BZX84C2V4S BZX84C2V7S BZX84C3V0S BZX84C3V3S BZX84C3V6S BZX84C3V9S BZX84C4V3S BZX84C4V7S BZX84C5V1S
BZX84C5V6S BZX84C6V2S BZX84C6V8S BZX84C7V5S BZX84C8V2S BZX84C9V1S BZX84C10S BZX84C11S BZX84C12S BZX84C13S BZX84C15S
BZX84C16S BZX84C18S BZX84C20S BZX84C22S BZX84C24S BZX84C27S BZX84C30S BZX84C33S BZX84C36S BZX84C39S


Similar Part No. - BZX84C15S-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C15S DIODES-BZX84C15S Datasheet
57Kb / 3P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 8 - 2
BZX84C15S DIODES-BZX84C15S Datasheet
161Kb / 4P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 17 - 2
BZX84C15S DIODES-BZX84C15S Datasheet
161Kb / 4P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
logo
SEMTECH ELECTRONICS LTD...
BZX84C15SEW SEMTECH_ELEC-BZX84C15SEW Datasheet
445Kb / 2P
   BZX84C…SEW Series SILICON PLANAR ZENER DIODES
11/09/2008
More results

Similar Description - BZX84C15S-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4S DIODES-BZX84C2V4S Datasheet
57Kb / 3P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 8 - 2
AZ23C5V6W DIODES-AZ23C5V6W_1 Datasheet
77Kb / 3P
   200mW DUAL SURFACE MOUNT ZENER DIODE
DS30257 Rev. 7 - 2
BZX84C2V4S DIODES-BZX84C2V4S_08 Datasheet
161Kb / 4P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 17 - 2
BZX84C16S-7 DIODES-BZX84C16S-7 Datasheet
161Kb / 4P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
AZ23C5V6W DIODES-AZ23C5V6W Datasheet
60Kb / 2P
   200mW DUAL SURFACE MOUNT ZENER DIODE
DS30257 Rev. 2 - 2
AZ23C5V6W DIODES-AZ23C5V6W_15 Datasheet
121Kb / 3P
   200mW DUAL SURFACE MOUNT ZENER DIODE
BZX84C2V4S DIODES-BZX84C2V4S_15 Datasheet
161Kb / 4P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
AZ23C5V6W DIODES-AZ23C5V6W_08 Datasheet
121Kb / 3P
   200mW DUAL SURFACE MOUNT ZENER DIODE
Rev. 9 - 2 May 2008
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com