Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7665SAIPA Datasheet(PDF) 9 Page - Intersil Corporation

Part # ICL7665SAIPA
Description  CMOS Micropower Over/Under Voltage Detector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7665SAIPA Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ICL7665SAIPA Datasheet HTML 5Page - Intersil Corporation ICL7665SAIPA Datasheet HTML 6Page - Intersil Corporation ICL7665SAIPA Datasheet HTML 7Page - Intersil Corporation ICL7665SAIPA Datasheet HTML 8Page - Intersil Corporation ICL7665SAIPA Datasheet HTML 9Page - Intersil Corporation ICL7665SAIPA Datasheet HTML 10Page - Intersil Corporation ICL7665SAIPA Datasheet HTML 11Page - Intersil Corporation ICL7665SAIPA Datasheet HTML 12Page - Intersil Corporation ICL7665SAIPA Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FN3182.8
April 5, 2006
Applications
Single Supply Fault Monitor
Figure 12 shows an over/under voltage fault monitor for a
single supply. The overvoltage trip point is centered around
5.5V and the undervoltage trip point is centered around 4.5V.
Both have some hysteresis to prevent erratic output ON and
OFF conditions. The two outputs are connected in a wired
OR configuration with a pullup resistor to generate a power
OK signal.
Multiple Supply Fault Monitor
The ICL7665S can simultaneously monitor several supplies
when connected as shown in Figure 13. The resistors are
chosen such that the sum of the currents through R21A,
R21B, and R31 is equal to the current through R11 when the
two input voltage are at the desired low voltage detection
point. The current through R11 at this point is equal to
1.3V/R11. The voltage at the VSET input depends on the
voltage of both supplies being monitored. The trip voltage of
one supply while the other supply is at the nominal voltage
will be different that the trip voltage when both supplies are
below their nominal voltages.
The other side of the ICL7665S can be used to detect the
absence of negative supplies. The trip points for OUT1
depend on both the negative supply voltages and the actual
voltage of the +5V supply.
TABLE 1. SET-POINT EQUATIONS
NO HYSTERESIS
Overvoltage VTRIP =
R11 + R21
R11
x VSET1
Overvoltage VTRIP =
R12 + R22
R12
x VSET2
HYSTERESIS PER FIGURE 10A
VU1 =
R11 + R21 + R31
R11
x VSET1
Overvoltage VTRIP
VL1 =
R11 + R21
R11
x VSET1
VU2 =
R12 + R22 + R32
R12
x VSET2
Undervoltage VTRIP
VL2 =
R12 + R22
R12
x VSET2
HYSTERESIS PER FIGURE 11
VU1 =
R11 + R21
R11
x VSET1
Overvoltage VTRIP
VL1 =
R11 +
R21R31
R21 + R31 x VSET1
R11
VU2 =
R12 + R22
R12
x VSET2
Overvoltage VTRIP
VL2 =
R12 +
R22R32
R22 + R32 x VSET2
R12
OUT1
SET1
SET2
OUT2
V+
R21
RP
VIN
RP
R22
R11
R12
HYST1
HYST2
R31
R32
FIGURE 11. AN ALTERNATIVE HYSTERESIS CIRCUIT
HYST1
VSET1
VSET2
HYST2
V+
OUT1
OUT2
324k
13M
5%
100k
249k
7.5M
5%
+5V SUPPLY
POWER
OK
100k
1M
V+
OPEN VOLTAGE
DETECTOR
VU = 5.55V
VL = 5.45V
OPEN VOLTAGE
DETECTOR
VU = 4.55V
VL = 4.45V
R22
R32
R31
R21
FIGURE 12. FAULT MONITOR FOR A SINGLE SUPPLY
ICL7665S


Similar Part No. - ICL7665SAIPA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7665SAIPA INTERSIL-ICL7665SAIPA Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
More results

Similar Description - ICL7665SAIPA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
logo
Rohm
BD71L4L-1 ROHM-BD71L4L-1 Datasheet
1Mb / 18P
   CMOS Over Voltage Detector IC
BD71L4LG-1 ROHM-BD71L4LG-1 Datasheet
665Kb / 17P
   CMOS Over Voltage Detector IC
BD71L4LHFV-1 ROHM-BD71L4LHFV-1 Datasheet
665Kb / 17P
   CMOS Over Voltage Detector IC
logo
National Semiconductor ...
LMS33460 NSC-LMS33460 Datasheet
498Kb / 6P
   3V Under Voltage Detector
logo
ON Semiconductor
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
logo
Texas Instruments
LMS33460 TI1-LMS33460_14 Datasheet
723Kb / 13P
[Old version datasheet]   3V Under Voltage Detector
logo
Microchip Technology
MCP111T-195I MICROCHIP-MCP111T-195I Datasheet
295Kb / 26P
   Micropower Voltage Detector
04/20/05
MCP111 MICROCHIP-MCP111_05 Datasheet
379Kb / 26P
   Micropower Voltage Detector
2005
MCP111T-240E MICROCHIP-MCP111T-240E Datasheet
296Kb / 26P
   Micropower Voltage Detector
04/20/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com