Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSP48410 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HSP48410
Description  Histogrammer/Accumulating Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP48410 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HSP48410_04 Datasheet HTML 3Page - Intersil Corporation HSP48410_04 Datasheet HTML 4Page - Intersil Corporation HSP48410_04 Datasheet HTML 5Page - Intersil Corporation HSP48410_04 Datasheet HTML 6Page - Intersil Corporation HSP48410_04 Datasheet HTML 7Page - Intersil Corporation HSP48410_04 Datasheet HTML 8Page - Intersil Corporation HSP48410_04 Datasheet HTML 9Page - Intersil Corporation HSP48410_04 Datasheet HTML 10Page - Intersil Corporation HSP48410_04 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
The difference between the Async 16 mode and the Async
24 mode is the number of data bits available to the user. In
16-bit mode, the user can connect the system data bus to
the lower 16 bits of the Histogrammer’s DIO bus. The UWS
pin becomes the LSB of the IO address, which determines if
the lower 16 bits or upper 8 bits of the 24-bit Histogrammer
data is being used. When UWS is low, the data present at
DIO0-15 is the lower 16 bits of the data in the IOADD0-9
location. When UWS is high, the upper 8 bits of the
IOADD09 location are present on DIO0-7. (This is true for
both reading and writing). Thus, it takes 2 cycles for an
asynchronous 24-bit operation when in Async 16 mode.
Unused outputs are zeros.
ADDRESS
GENERATOR
24x1024
IN
OUT
ADDRESS
DIO 0-23
UWS
CONTROL
WR
DIO
I/F
RAM
RD
WR
IOADD 0-9
FIGURE 14. ASYNCHRONOUS 16/24 BLOCK DIAGRAM
WR
IOADD 0-9,
RD
DIO 0-23
READ CYCLE TIMING
WR
IOADD 0-9,
RD
DIO 0-23
WRITE CYCLE TIMING
UWS
UWS
FIGURE 15. ASYNCHRONOUS 16/24 MODE TIMING
HSP48410


Similar Part No. - HSP48410_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP48410/883 INTERSIL-HSP48410/883 Datasheet
179Kb / 10P
   Histogrammer/Accumulating Buffer
HSP48410883 INTERSIL-HSP48410883 Datasheet
179Kb / 10P
   Histogrammer/Accumulating Buffer
HSP48410GC-33 INTERSIL-HSP48410GC-33 Datasheet
84Kb / 12P
   Histogrammer/Accumulating Buffer
HSP48410GC-40 INTERSIL-HSP48410GC-40 Datasheet
84Kb / 12P
   Histogrammer/Accumulating Buffer
HSP48410GM-25/883 INTERSIL-HSP48410GM-25/883 Datasheet
179Kb / 10P
   Histogrammer/Accumulating Buffer
More results

Similar Description - HSP48410_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP48410883 INTERSIL-HSP48410883 Datasheet
179Kb / 10P
   Histogrammer/Accumulating Buffer
HSP48410 INTERSIL-HSP48410 Datasheet
84Kb / 12P
   Histogrammer/Accumulating Buffer
logo
LOGIC Devices Incorpora...
LF48410 LODEV-LF48410 Datasheet
302Kb / 15P
   1024 x 24-bit Video Histogrammer
logo
ON Semiconductor
MC74VHC1G50 ONSEMI-MC74VHC1G50 Datasheet
184Kb / 8P
   Buffer
February, 2000 ??Rev. 0
MC74VHC1G50DFT1G ONSEMI-MC74VHC1G50DFT1G Datasheet
260Kb / 8P
   Buffer
March, 2006 -- Rev. 12
logo
Minilogic Device Corpor...
ML74UL34 MINILOGIC-ML74UL34 Datasheet
119Kb / 3P
   Buffer
logo
ON Semiconductor
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_18 Datasheet
203Kb / 14P
   Buffer
November, 2018 ??Rev. 13
MC74VHC1G50 ONSEMI-MC74VHC1G50_V01 Datasheet
176Kb / 15P
   Buffer
April, 2022 ??Rev. 18
MC74VHC1G50DTT1G ONSEMI-MC74VHC1G50DTT1G Datasheet
250Kb / 8P
   Buffer
March, 2006 -- Rev. 12
MC74VHC1G50 ONSEMI-MC74VHC1G50_06 Datasheet
254Kb / 8P
   Buffer
March, 2006 -- Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com