Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7662CBD-0 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICL7662CBD-0
Description  CMOS Voltage Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7662CBD-0 Datasheet(HTML) 1 Page - Intersil Corporation

  ICL7662CBD-0 Datasheet HTML 1Page - Intersil Corporation ICL7662CBD-0 Datasheet HTML 2Page - Intersil Corporation ICL7662CBD-0 Datasheet HTML 3Page - Intersil Corporation ICL7662CBD-0 Datasheet HTML 4Page - Intersil Corporation ICL7662CBD-0 Datasheet HTML 5Page - Intersil Corporation ICL7662CBD-0 Datasheet HTML 6Page - Intersil Corporation ICL7662CBD-0 Datasheet HTML 7Page - Intersil Corporation ICL7662CBD-0 Datasheet HTML 8Page - Intersil Corporation ICL7662CBD-0 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN3181.4
ICL7662
CMOS Voltage Converter
The Intersil ICL7662 is a monolithic high-voltage CMOS
power supply circuit which offers unique performance ad-
vantages over previously available devices. The ICL7662
performs supply voltage conversion from positive to negative
for an input range of +4.5V to +20.0V, resulting in
complementary output voltages of -4.5V to -20V. Only 2
noncritical external capacitors are needed for the charge
pump and charge reservoir functions. The ICL7662 can also
function as a voltage doubler, and will generate output
voltages up to +38.6V with a +20V input.
Contained on chip are a series DC power supply regulator,
RC oscillator, voltage level translator, four output power
MOS switches. A unique logic element senses the most
negative voltage in the device and ensures that the output N-
Channel switch source-substrate junctions are not forward
biased. This assures latchup free operation.
The oscillator, when unloaded, oscillates at a nominal
frequency of 10kHz for an input supply voltage of 15.0V.
This frequency can be lowered by the addition of an external
capacitor to the “OSC” terminal, or the oscillator may be
overdriven by an external clock.
The “LV” terminal may be tied to GROUND to bypass the
internal series regulator and improve low voltage (LV)
operation. At medium to high voltages (+10V to +20V), the
LV pin is left floating to prevent device latchup.
Features
• No External Diode Needed Over Entire Temperature
Range
• Pin Compatible With ICL7660
• Simple Conversion of +15V Supply to -15V Supply
• Simple Voltage Multiplication (VOUT = (-)nVIN)
• 99.9% Typical Open Circuit Voltage Conversion
Efficiency
• 96% Typical Power Efficiency
• Wide Operating Voltage Range 4.5V to 20.0V
• Easy to Use - Requires Only 2 External Non-Critical
Passive Components
Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• On Board Negative Supply for Dynamic RAMs
• Localized
µProcessor (8080 Type) Negative Supplies
• Inexpensive Negative Supplies
• Data Acquisition Systems
• Up to -20V for Op Amps
Pinouts
ICL7662CBD-0 (SOIC)
TOP VIEW
ICL7662CBD AND IBD (SOIC)
TOP VIEW
ICL7662 (PDIP)
TOP VIEW
TEST
NC
CAP+
NC
GND
NC
CAP-
V+
OSC
NC
LV
NC
NC
VOUT
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
TEST
NC
CAP+
GND
NC
NC
V+
NC
OSC
LV
NC
VOUT
CAP-
1
2
3
4
5
6
7
14
13
12
11
10
9
8
TEST
CAP+
GND
CAP-
1
2
3
4
8
7
6
5
V+
OSC
LV
VOUT
Data Sheet
January 9, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2002, 2005, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
OBS
OLE
TE P
ROD
UCT
POS
SIBL
E SU
BST
ITUT
E PR
ODU
CT
INTE
RSIL
ICL7
660X
XX S
ERIE
S


Similar Part No. - ICL7662CBD-0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL7662CBD-0 RENESAS-ICL7662CBD-0 Datasheet
533Kb / 11P
   CMOS Voltage Converter
More results

Similar Description - ICL7662CBD-0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7660 TI-TL7660 Datasheet
335Kb / 19P
[Old version datasheet]   CMOS VOLTAGE CONVERTER
logo
Renesas Technology Corp
ICL7662 RENESAS-ICL7662 Datasheet
533Kb / 11P
   CMOS Voltage Converter
logo
Silicon Supplies
SIS7660 SS-SIS7660 Datasheet
1Mb / 5P
   CMOS Voltage Converter
logo
Texas Instruments
TL7660 TI1-TL7660_14 Datasheet
761Kb / 23P
[Old version datasheet]   CMOS VOLTAGE CONVERTER
logo
Maxim Integrated Produc...
MAX660 MAXIM-MAX660 Datasheet
108Kb / 12P
   CMOS Monolithic Voltage Converter
Rev. 2; 9/96
logo
Impala Linear Corporati...
ILC6660 IMPALA-ILC6660 Datasheet
58Kb / 5P
   CMOS MONOLITHIC VOLTAGE CONVERTER
logo
Linear Technology
LTC1044A LINER-LTC1044A_15 Datasheet
221Kb / 14P
   12V CMOS Voltage Converter
LTC1044A LINER-LTC1044A Datasheet
275Kb / 12P
   12V CMOS Voltage Converter
LTC660 LINER-LTC660 Datasheet
262Kb / 12P
   100mA CMOS Voltage Converter
LTC660 LINER-LTC660_15 Datasheet
238Kb / 12P
   100mA CMOS Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com