Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7213IPD Datasheet(PDF) 6 Page - Intersil Corporation

Part # ICM7213IPD
Description  One Second/One Minute Timebase Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7213IPD Datasheet(HTML) 6 Page - Intersil Corporation

  ICM7213IPD Datasheet HTML 1Page - Intersil Corporation ICM7213IPD Datasheet HTML 2Page - Intersil Corporation ICM7213IPD Datasheet HTML 3Page - Intersil Corporation ICM7213IPD Datasheet HTML 4Page - Intersil Corporation ICM7213IPD Datasheet HTML 5Page - Intersil Corporation ICM7213IPD Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
All Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice.
Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may
result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
7585 Irvine Center Drive
Suite 100
Irvine, CA 92618
TEL: (949) 341-7000
FAX: (949) 341-7123
Intersil Corporation
2401 Palm Bay Rd.
Palm Bay, FL 32905
TEL: (321) 724-7000
FAX: (321) 724-7946
EUROPE
Intersil Europe Sarl
Ave. C - F Ramuz 43
CH-1009 Pully
Switzerland
TEL: +41 21 7293637
FAX: +41 21 7293684
ASIA
Intersil Corporation
Unit 1804 18/F Guangdong Water Building
83 Austin Road
TST, Kowloon Hong Kong
TEL: +852 2723 6339
FAX: +852 2730 1433
Detailed Description
Supply Voltage Considerations
The ICM7213 may be used to provide various precision
outputs with frequencies from 2048Hz to 1/60Hz using a
4.194304MHz quartz oscillator, and other output frequencies
may be obtained using other quartz crystal frequencies.
Since the ICM7213 uses dynamic high frequency dividers for
the initial frequency division there are limitations on the
VSUPPLY range depending on the oscillator frequency. If, for
example, a low frequency quartz crystal is selected, the
VSUPPLY should be selected in the center of the operating
window, or approximately 1.7V.
The VSUPPLY to the ICM7213 may be derived from a high
voltage supply by using a simple resistor divider (if power is
of no concern), by using a series resistor for minimum
current consumption, or by means of a regulator.
Outputs
Pull up resistors will generally be required to interface with
other logic families. These resistors must be connected
between the various outputs and the positive power supply.
Oscillator Considerations
The oscillator consists of a CMOS inverter and a feedback
resistor whose value is dependent on the voltage at the
oscillator input and output terminals and the VSUPPLY.
Oscillator stabilities of approximately 0.1ppm per 0.1V varia-
tion are achievable with a nominal VSUPPLY of 5V and a sin-
gle voltage dropping resistor. The crystal specifications are
shown in the Test Circuit.
It is recommended that the crystal load capacitance (CL) be
no greater than 22pF for a crystal having a series resistance
equal to or less than 75
Ω, otherwise the output amplitude of
the oscillator may be too low to drive the divider reliably.
It a very high quality oscillator is desired, it is recommended
that a quartz crystal be used having a tight tuning tolerance
±10ppm, a low series resistance (less than 25Ω), a low
motional capacitance of 5mpF and a load capacitance of
20pF. The fixed capacitor CIN should be 30pF and the oscil-
lator tuning capacitor should range between approximately
16pF and 60pF.
Use of a high quality crystal will result in typical stabilities of
0.05ppm per 0.1V change of VSUPPLY.
Control Inputs
The TEST input inhibits the 218 output and applies the 29
output to the 221 divider, thereby permitting a speedup of the
testing of the
÷ 60 section by a factor of 2048 times. This
also results in alternative output frequencies (see table).
The WIDTH input may be used to change the pulse width of
OUT 4 from 125ms to 1s, or to change the state of OUT 4
from ON to OFF during INHIBIT.
See Figures 1 and 2 for output waveforms and effect of
control inputs.
ICM
7213
VS+
R1
R2
I2
VS -
I1
VDD
VSS
CBYPASS 0.01µF
EXAMPLE:
f = 4.2MHz
8V
≤ V ≤ 12V (10 NOMINAL)
I1 100µA
I2 1mA
R2 3kΩ
R1 6.8kΩ
FIGURE 9A.
EXAMPLE:
fOSC = 4.2MHz
8V
≤ V ≤ 12V (10 NOMINAL)
I1 100µA
R3 = (10 - 3)
10 - 4
68kΩ
k
ICM
7213
VS+
R3
VS -
I1
VDD
VSS
CBYPASS 0.01µF
FIGURE 9B.
FIGURE 9. BIASING SCHEMES WITH HIGH VOLTAGE SUPPLIES
ICM7213


Similar Part No. - ICM7213IPD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7213IPD INTERSIL-ICM7213IPD Datasheet
47Kb / 6P
   One Second/One Minute Timebase Generator
More results

Similar Description - ICM7213IPD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7213 INTERSIL-ICM7213 Datasheet
47Kb / 6P
   One Second/One Minute Timebase Generator
logo
Harris Corporation
ICM7209 HARRIS-ICM7209 Datasheet
190Kb / 3P
   TIMEBASE GENERATOR
logo
List of Unclassifed Man...
231-20 ETC2-231-20 Datasheet
184Kb / 1P
   DLELECTRIC WITHSTANDING:500VAC FOR ONE MINUTE.
logo
E-SWITCH
TL1270F160BLQBT E-SWITCH-TL1270F160BLQBT Datasheet
223Kb / 1P
   DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
TL1270F160GYQAT E-SWITCH-TL1270F160GYQAT Datasheet
217Kb / 1P
   DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
TL1270F160REQAT E-SWITCH-TL1270F160REQAT Datasheet
216Kb / 1P
   DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
TL1270F160GYQBT E-SWITCH-TL1270F160GYQBT Datasheet
223Kb / 1P
   DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
TL1270F160REQBT E-SWITCH-TL1270F160REQBT Datasheet
223Kb / 1P
   DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
logo
Cypress Semiconductor
CY26114 CYPRESS-CY26114 Datasheet
50Kb / 5P
   One-PLL Clock Generator
logo
Texas Instruments
ISO7231ADWRG4 TI-ISO7231ADWRG4 Datasheet
746Kb / 21P
[Old version datasheet]   One Megabit per Second Triple Digital Isolators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com